PART |
Description |
Maker |
MIC5353-1.8YMT MIC5353-2.5YMT MIC5353-2.6YMT MIC53 |
3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 500mA LDO in 1.6mm 隆驴 1.6mm Package 500mA LDO in 1.6mm ? 1.6mm Package 500mA LDO in 1.6mm × 1.6mm Package
|
MICREL INC Micrel Semiconductor
|
IRFHE4250D IRFHE4250DTRPBF |
25V Dual N-Channel FastIRFET HEXFET Power MOSFET in a PQFN 6mm x 6mm Lead Free package
|
International Rectifier
|
DC0000085 |
Federleiste 6mm THR, 50 polig Female 6mm THR, 50 contacts
|
ERNI Electronics
|
DC0000112 |
Federleiste SMD. Powerm. 6mm Female Con, SMD, Powerm. 6mm
|
ERNI Electronics
|
DC0000113 |
Federleiste THR, Powerm. 6mm Female Con. THR, Powerm. 6mm
|
ERNI Electronics
|
ICX424AQ |
Diagonal 6mm(Type1/3) Progressive Scan CCD Image Diagonal 6mm Progressive Scan CCD Image Sensor with Square Pixel for Color Cameras
|
Sony Corporation
|
3318K-1-502 3318K-1-101 3318K-1-102 3318F-1-104 |
TRIMPOT 5.0K OHM 6MM CARBON RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 5000 ohm TRIMMER - 6MM SQ ST CARBON OPEN FRAME RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 100 ohm TRIMMER - 6MM SQ ST CARBON OPEN FRAME RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 1000 ohm TRIMMER - 6MM SQ ST CARBON OPEN FRAME RESISTOR, TRIMMER, CARBON FILM, 1 TURN(S), 0.1 W, 100000 ohm
|
Bourns, Inc.
|
APTD3216PBC_A APTD3216PBC APTD3216PBC-A APTD3216PB |
3.2 x 1.6mm SMD CHIP LED LAMP 3.2x1.6mm SMD CHIP LED LAMP
|
KINGBRIGHT[Kingbright Corporation] Kingbright Corporation.
|
CAK15D14 |
Φ14.7mm Max.(Diameter), 1.6mm Max. Height. フ14.7mm Max.(Diameter), 1.6mm Max. Height.
|
Sumida Corporation
|