PART |
Description |
Maker |
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
MIC5253 MIC5253-1.85BC5 MIC5253-1.8BC5 MIC5253-2.6 |
100mA Low Noise µCap Teeny LDO 100mA Low Noise UCap Teeny LDO 3 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO5
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
MIC5202 MIC5202-3.0BM MIC5202-3.3BM MIC5202-4.8BM |
Dual 100mA Low-Dropout Voltage Regulator(杈???垫?100mA浣??宸???靛?绋冲??? Dual 100mA Low-Dropout Voltage Regulator Preliminary Information DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 Replaced by PT6212 :
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
2SC2543D 2SC2396D 2SC2396F 2SC2396E |
TRANSISTOR | BJT | NPN | 90V V(BR)CEO | 100MA I(C) | TO-92 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 100MA I(C) | TO-92 晶体管|晶体管|叩| 60V的五(巴西)总裁| 100mA的一(c)|92
|
Rohm Co., Ltd.
|
SB01W05S SB01W05S-E |
50V/ 100mA Rectifier 50V, 100mA Rectifier Silicon Diode DIODE SCHOTTKY 50V 0.1A 3SPA
|
SANYO[Sanyo Semicon Device] N/A Sanyo Semiconductor
|
TC1121EOA TC1121EPA TC1121EUA TC1121COA TC1121 TC1 |
The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative ... The TC1121 is a charge pump converter with 100mA output current capability. It converts a 2.4V to 5.5V input to a corresponding negative output voltage. As with all charge pump converters, the TC1121 uses no inductors saving cost, size, an 100mA Charge Pump Voltage Converter with Shutdown
|
MICROCHIP[Microchip Technology]
|
EL921107 EL9212IYEZ EL9212IYEZ-T13 EL9212IYEZ-T7 E |
100MHz 100mA V-COM Amplifiers 100MHz 100mA VCOM Amplifiers
|
Intersil Corporation
|
2SA608KNP 2SA608KNPG 2SA608KNPD 2SA608KNPE 2SA608K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Alliance Semiconductor, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
LND2931-5.0 LND2931 LND2931-10 LND2931-12 LND2931- |
100mA, 3.0V to 24V, low dropout voltage regulator. 100mA Low Dropout Voltage Regulator
|
LinearDimensions Linear Dimensions Semiconductor
|
CS-8151 |
5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V 100MA Low Dropout Linear Regulator with Watchdog Reset & Wake uP 5V00mA的低压差线性稳压器,带有看门狗复位
|
TURCK, Inc.
|