PART |
Description |
Maker |
SB01W05C |
50V, 100mA Rectifier Shottky Barrier Diode (Twin Type Cathode Common) Small signal(twin type) 50V 100mA Rectifier 50V/ 100mA Rectifier
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
MAX4828ELT MAX4827ELT MAX4826ELT MAX4829ELT MAX482 |
50mA/100mA Current-Limit Switches with NO-LOAD Flag in μDFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in 楼矛DFN 50mA/100mA Current-Limit Switches with NO-LOAD Flag in レDFN
|
Maxim Integrated Products
|
2SA608KNP 2SA608KNPG 2SA608KNPD 2SA608KNPE 2SA608K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Alliance Semiconductor, Corp.
|
MC3486P MC3486D |
QUAD EIA-422/3 LINE RECEIVER WITH THREE-STATE OUPUTS Single Output LDO, 100mA, Fixed(5.0V), Low Noise, Fast Transient Response 8-SOIC Single Output LDO, 100mA, Adj.(2.5 to 5.5V), Low Noise, Fast Transient Response 5-SOT-23
|
Motorola, Inc.
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
CS5112 CS5112EDWF24 CS5112EDWFR24 |
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE 1.4A的开关稳压器采用5V100mA的线性稳压器,带有看门狗,复位和启用 1.4A Switching Regulator with 5V/ 100mA Linear Regulator with Watchdog/ RESET and ENABLE
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
AMC78L05DM AMC78L05DM_DMF AMC78L05PKF AMC78L05 AMC |
100mA / 3-TERMINAL 5V REGULATOR
|
Electronic Theatre Controls, Inc. ADD Microtech Corp ETC[ETC] N.A. List of Unclassifed Manufacturers
|
1N482B |
SI RECTIFIER, 100MA < I(O)/I(F) < 200MA
|
New Jersey Semi-Conductor Products, Inc.
|