PART |
Description |
Maker |
ISD4004-08MEY ISD4004-08MPY ISD4004-16MPY |
IC VOICE REC/PLAY 8MIN 28-TSOP 480 SEC, SPEECH SYNTHESIZER WITH RCDG, PDSO28 IC VOICE REC/PLAY 8MIN 28-DIP 480 SEC, SPEECH SYNTHESIZER WITH RCDG, PDIP28 IC VOICE REC/PLAY 16MIN 28-DIP 960 SEC, SPEECH SYNTHESIZER WITH RCDG, PDIP28
|
Winbond Electronics, Corp.
|
87368-3425 87368-3225 87368-3825 87368-3424 87368- |
MGrid Rec S/E SMT D.R. .76AuLF 34Ckt 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 32Ckt 32 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 38Ckt 38 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 34POS 2MM SMD GOLD 34 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .38AuLF 50Ckt 50 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 28POS 2MM SMD GOLD 28 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 42Ckt 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 44Ckt 44 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE CONN RECEPT 42POS 2MM SMD GOLD 42 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE 873681025 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec S/E SMT D.R. .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
39-02-6025 39-02-6074 |
LP2.5 CRIMP REC. HSG W/L YEL 5264-02YE 2 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE LP2.5 CRIMP REC. HSG W/L 7 CONTACT(S), FEMALE, POWER CONNECTOR, RECEPTACLE
|
Molex, Inc.
|
87340-0423 87340-1223 87340-1224 87340-1023 87340- |
MGrid Rec SMT VLPR2 /Pg .76AuLF 4Ckt 4 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .38AuLF 12Ckt 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 10Ckt 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE MGrid Rec SMT VLPR2 /Pg .76AuLF 20Ckt 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
Molex, Inc.
|
KA22292Q |
PB/REC EQ ST PRE AMP(???/褰??绔??澹板?琛℃?澶у?)
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
BA5104A |
Switchless REC/PB Amplifier
|
Rohm
|
10-01-5052 10-01-5022 10-01-5032 0010015032 |
KK5.08 REC HSG
|
Molex Electronics Ltd.
|
TA8155 TA8155F TA8155FN E003708 TA81B5B5F TA81B5B5 |
From old datasheet system REC / PB SYSTEM DUAL PRE-AMPLIFIER (1.5 / 3V USE) REC/PB SYSTEM DUAL PRE-AMPLIFIER (1.5/3V USE)
|
TOSHIBA[Toshiba Semiconductor]
|
90635-1101 90635-0201 90635-1261 |
1.27mm QF50 Rec Vt PrLd Polz .1GF 10Ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE 1.27mm QF50 Rec Vt Polz .1GF 20Ckt 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 1.27mm QF50 Rec Vt PrLd Polz .1GF 26Ckt 26 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC, RECEPTACLE
|
Molex, Inc.
|
L601S0275 L601S0575 L601F0275 L601F0575 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
L601S0367 L601F0767 L601S0767 |
CCIR REC.601 FILTERS
|
Faraday Technology
|
S1A0291X01-A0B0 DS_S1A0291X01 S1A0291X01 DSS1A0291 |
PB/REC PRE AMP FOR 2 DECK
|
SAMSUNG[Samsung semiconductor] Samsung Electronic
|
|