PART |
Description |
Maker |
AS2830 AS2830YR-X AS2830AT AS2830AR-3.3 AS2830YU-X |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response PositiveFixedVoltageRegulator 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 Positive Adjustable Voltage Regulator 积极可调电压稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation]
SIPEX
Cypress Semiconductor, Corp. Analog Devices, Inc.
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ADP1109AN ADP1109AN-33 ADP1109AN-5 ADP1109AR ADP11 |
Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-DC Converter Micropower Low Cost Fixed 3.3 V/ 5 V/ 12 V and Adjustable DC-to-DC Converter CIR 55C 55#16 PIN RECP WALL Micropower Low Cost Fixed 3.3 V, 5 V, 12 V and Adjustable DC-to-DC Converter 1.2 A SWITCHING REGULATOR, 120 kHz SWITCHING FREQ-MAX, PDIP8 Voltage-Mode SMPS Controller 1.2 A SWITCHING REGULATOR, 155 kHz SWITCHING FREQ-MAX, PDSO8
|
Analog Devices, Inc. http://
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
SPX1084U-5.0 SPX1084 SPX1084AT SPX1084AT-1.5 SPX10 |
1.5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(5A,低压差稳压器(可调和固定输快速响)
|
EXAR CORP TE Connectivity, Ltd. SIPEX[Sipex Corporation]
|
CS5205-1 CS5205-1GDP3 CS5205-1GDPR3 CS5205-1GT3 CS |
5A Adjustable, and 3.3V and 5V Fixed Linear Regulators A可调.3VV固定线性稳压器 5A Adjustable/ and 3.3V and 5V Fixed Linear Regulators
|
Cherry Semiconductor Co... ZF Electronics, Corp. ZF Electronics Corporation CHERRY[Cherry Semiconductor Corporation]
|
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
LT1110 LT1110-12 LT1110-5 LT1110CN8 LT1110CN8-12 L |
Micropower DC-DC Converter Adjustable and Fixed 5V/ 12V Micropower DC-DC Converter Adjustable and Fixed 5V, 12V From old datasheet system
|
LINER[Linear Technology]
|
RC1585 RC1585M15 RC1585MT RC1585M15T RC1585M-1.5 R |
5A Adjustable/Fixed Low Dropout Linear Regulator 1.5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO3 Product information 5A Adjustable Low Dropout Voltage Regulator (LDO) 1.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
LP2986ILD-3.0 LP2986ILD-3.3 LP2986AILD-3.0 LP2986I |
Fixed & Adjustable Voltage Regulator Fixed & Adjustable Voltage Regulator 固定
|
Rochester Electronics, LLC
|
LM1084 LM1084T-5.0 LM1084S-1.5 LM1084S-2.5 LM1084S |
5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed) A低压差稳压器(可 5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|