PART |
Description |
Maker |
9842 984206010000 |
24 AWG stranded (7x32) TC conductors, polyethylene insulation, twisted pairs, overall Beldfoil
|
List of Unclassifed Man...
|
1700A005U1000 |
24 AWG Bonded-Pairs Solid Bare Copper Conductors, Non-Plenum, Polyolefin Insulation
|
List of Unclassifed Man...
|
1346634 |
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
|
List of Unclassifed Man...
|
1032-90LJ 1032-80LT 1032-80LJ 1032-90LT 1032-60LG/ |
Multiconductor Cable; Number of Conductors:25; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:12; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 高密度可编程逻辑 High-Density Programmable Logic Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Drop Ship:Yes; Features:Alumunium Foil Polyester/Tinned Copper Braid RoHS Compliant: Yes Shielded Paired Cable; Number of Conductors:36; Conductor Size AWG:28; No. Strands x Strand Size:7 x 36; Jacket Material:Polyethylene; Number of Pairs:18; Features:Alumunium Foil Polyester/Tinned Copper Braid; Impedance:120ohm RoHS Compliant: Yes
|
Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
28419 |
24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
|
List of Unclassifed Man...
|
6543PA0081000 |
22 AWG BC cond, FEP insul, cond twisted into pairs and individually shielded w/Beldfoil
|
List of Unclassifed Man...
|
9509060500 95090601000 28451 |
Computer Cable for EIA RS-232 Applications 24 AWG stranded (7x32) TC conductors, semi-rigid PVC insulation, twisted pairs, overall Beldfoil shield
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
BYW2750 BYW27-100 BYW27-1000 BYW27-200 BYW27-400 B |
TL Series Toggle Switch, 1 pole, 3 position, Screw terminal, Locking Lever, Military Part Number MS24658-33K 1 A, 800 V, SILICON, SIGNAL DIODE, DO-204AL Multiconductor Cable; Number of Conductors:8; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:4; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Multiconductor Cable; Number of Conductors:1; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:2; Leaded Process Compatible:Yes; Capacitance:13pF/ft RoHS Compliant: Yes Silicon Rectifiers
|
Diotec Semiconductor AG DIOTEC[Diotec Semiconductor] Diotec Elektronische
|
7838A0601000 |
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
|
List of Unclassifed Man...
|
1421A0601000 |
24 AWG stranded (7x32) TC conductors, Datalene insulation, twisted pairs, overall Beldfoil shield
|
List of Unclassifed Man...
|
JQX-116F-1_ACAF1H JQX-116F-1_ACAF2H JQX-116F-1_DCD |
MINIATURE HIGH POWER RELAY From old datasheet system CABLE, SEC, BLACK, 6.75X12.7MM, 152.4M; Cores, No. of:3; Conductor make-up:7/26; Area, conductor CSA:0.891mm2; Material, secondary insulation:PVC; Length, Reel (Imperial):500ft; Attenuation, 1 GHz:7.1dB; Attenuation, 1 MHz:0.20dB; RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-6/U, Color: Black, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes Belden Coaxial Cable, Wire Size: 2/18 AWG, Type: RG-59/U, Color: Black, Length: 500 feet, Conductor Material: Bare Copper, Shielding: Bare Copper, Jacket: PVC Shielded Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:20 Coax/18 Pr; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Leaded Process Compatible:Yes RoHS Compliant: Yes Security Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 2 PR #20 PVC FS FRPVC CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18 Coax/18 Pr; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes CABLE, SEC, COAX, 5.89MM, 152.4M; Cores, No. of:1; Conductor make-up:1.0.80 mm; Area, conductor CSA:0.519mm2; Material, secondary insulation:PVC; Attenuation, 1 GHz:8.50dB; Attenuation, 1 MHz:0.30dB; Attenuation, 10 MHz:0.90dB; RoHS Compliant: Yes Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:White RoHS Compliant: Yes 微型大功率继电器 CCTV Control Composite Cable; Composite Conductor Types:1 Coaxial 1 Pair; Number of Conductors:3; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1 RoHS Compliant: Yes 微型大功率继电器 Coaxial Cable; Coaxial RG/U Type:59; Impedance:75ohm; Conductor Size AWG:20; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.3pF/ft; Conductor Material:Copper; Jacket Color:Black RoHS Compliant: Yes 微型大功率继电器 Sound/Security Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:56pF/ft RoHS Compliant: Yes 微型大功率继电器
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
SLD342YT-3 SLD342YT SLD342YT-1 SLD342YT-2 SLD342YT |
Shielded Paired Cable; Number of Conductors:12; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyethylene; Number of Pairs:6; Impedance:100ohm; Leaded Process Compatible:Yes; Voltage Nom.:600V RoHS Compliant: Yes 2W High Power Laser Diode
|
SONY[Sony Corporation]
|
|