PART |
Description |
Maker |
W25X10L W25X20L W25X10LSNEG W25X80L W25X80LZPEG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X20AVDAIZ W25X40AVDAIZ W25X80AVDAIZ W25X40AVSNI |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X40A W25X40AVZPIG W25X20A |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
MC6800 MC6800CL MC6800CP MC6800CS MC6800L MC6800P |
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS 8-BIT MICROPROCESSING UNIT (MPU)
|
MOTOROLA[Motorola, Inc]
|
AD7470 HSC-INTERFACEBOARD EVAL-CONTROLBOARD AD7472 |
AD7470/AD7472: 1.75MSPS. 4mW 10-Bit/12-Bit SAR ADC Data Sheet (Rev. A. 3/00) 2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP 12-Bit, 2.7 V to 5.25 V, 1.5 MSPS Low Power ADC 10-Bit, 2.7 V to 5.25 V, 1.75 MSPS Low Power ADC 1.75 MSPS, 4 mW 10-Bit/12-Bit Parallel ADCs 1.75MSPS, 4mW 10-Bit/12-Bit SAR ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
MR53V3252J-XXTP MR53V3252J MR53V3252J-XXMA |
2,097,152-Word x 16-Bit or 4,194,304-Word x 8-Bit 8Word X 16-Bit or 16Word X 8-Bit/Page Mode MASK ROM
|
OKI[OKI electronic componets]
|
MSM538052E MSM538052E-XXGS-K MSM538052E-XXRS MSM53 |
524,288-Words x 16-bit or 1,048,576-Bytes x 8-bit MaskROM, 8Words x 16-Bit or 16Bytes x 8-Bit/Page Mode MASKROM
|
OKI SEMICONDUCTOR CO., LTD.
|
AM41DL3248GB85IT AM41DL3238GB85IT AM41DL3238GT85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory and 8 Mbit (1 M x 8-Bit/512 K x 16-Bit) Static RAM SPECIALTY MEMORY CIRCUIT, PBGA73
|
Advanced Micro Devices, Inc. SPANSION LLC
|
MAX196-MAX198 MAX198 MAX198ACAI MAX198ACNI MAX198A |
Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface SPECIALTY ANALOG CIRCUIT, PDIP28 Multirange, Single 5V, 12-Bit DAS with 12-Bit Bus Interface(6通道,100ksps,并行,12位A/D转换 Multirange / Single %V / 12-Bit DAS with 12-Bit Bus Interface Multirange Single %V 12-Bit DAS with 12-Bit Bus Interface 6-Channel, Multi-Range, 5V, 12-Bit DAS with 12-Bit Bus Interface and Fault Protection
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|