PART |
Description |
Maker |
AD509SH AD509JH AD509KH AD509 |
HIGH SPEED FAST SETTING IC OP AMP OP-AMP, 8000 uV OFFSET-MAX, 20 MHz BAND WIDTH, MBCY8
|
Analog Devices, Inc. AD[Analog Devices]
|
R459002 R459.375 R459.250 R459001 R459003 R459004 |
FUSE SMD 62MA VERY FAST 保险丝贴2MA特快 FUSE SMD 3A VERY FAST 贴片保险A条特快 SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits 保险丝贴A条特快 FUSE SMD 1.5A VERY FAST FUSE SMD 2.5A VERY FAST FUSE SMD 500MA VERY FAST SC70/µDFN, Single/Dual Low-Voltage, Low-Power µP Reset Circuits PICO SMF Very Fast-Acting Type Fuse 459 Series
|
TE Connectivity, Ltd. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
UF4003 UF4007 UF4001 UF4002 UF4004 UF4005 UF4006 |
(UF4001 - UF4007) 1.0 AMP ULTRA FAST RECTIFIERS 1.0 AMP. ULTRA FAST RECTIFIERS
|
JGD[Jinan Gude Electronic Device]
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
CR16UD-02FP CR16UD-04FP CR16UD-08FP |
ULTRA FAST RECOVERY RECTIFIERS DUAL COMMON CATHODE 16 AMP, 200 THRU 800 VOLTS Leaded Rectifier Ultra Fast
|
Central Semiconductor Corp.
|
SDA356 SDA356B SDA356D SDA356G SDA356J SDA356K SDA |
1 A, SILICON, BRIDGE RECTIFIER DIODE FAST & ULTRA FAST 1 AMP RECTIFIER ASSEMBLY
|
SOLID STATE DEVICES INC Solid States Devices, Inc
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
AD380JH AD380SH AD380LH AD380KH AD380 |
Wideband, Fast-Settling FET-Input OP Amp WIDEBAND FAST-SETTING FET-INPUT OP AMP WIDEBAND, FAST-SETTING FET-INPUT OP AMP WIDEBAND/ FAST-SETTING FET-INPUT OP AMP
|
AD[Analog Devices] Analog Devices, Inc.
|
ER306 ER302 ER300 ER301 ER301A ER303 ER304 |
3 Amp Super Fast Recovery Rectifier 50 to 600 Volts 3.0A, 150V ultra fast recovery rectifier 3.0A, 100V ultra fast recovery rectifier 3.0A, 50V ultra fast recovery rectifier
|
Micro Commercial Compon... MCC[Micro Commercial Components]
|
X9119TV14-2.7T1 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP T&R
|
INTERSIL CORP
|