PART |
Description |
Maker |
CEN741 BFY90 2N2857 2N2865 2N5179 2N3478 CEN832 2N |
Leaded Small Signal Transistor General Purpose Small Signal NPN Transistors / Dual Transistors UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-72 Small Signal NPN Transistors / Dual Transistors 60 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-71 Small Signal NPN Transistors / Dual Transistors 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-71 From old datasheet system
|
Advanced Semiconductor, Inc. Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N3906 2N3904 2N3417 2N4123 2N4125 2N4124 2N4400 2 |
Small Signal Transistors 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 ; Connector Type A:TX6 PLUS Modular Plug; Cable Length:10ft; Color:Off-white Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
1SS351 |
Series connection of 2 elements in a small-sized package facilitates Small forward voltage
|
TY Semiconductor Co., Ltd
|
BSS119 Q67000-S007 Q67000-S063 |
SIPMOS Small-Signal Transistor (N channel Enhancement mode) 170 mA, 100 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 16 Characters x 1 Lines, 5x7 Dot Matrix Character and Cursor SIPMOS ? Small-Signal Transistor From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
2N3799A 2N3962 2N4390 2N3701 2N5057 2N3576 2N4068 |
Small Signal Transistors Si, PNP, RF SMALL SIGNAL TRANSISTOR, TO-18 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
UNA0217 0824 UNA0217UN217 |
UNA0217 (UN217) - Transistor array to drive the small motor From old datasheet system Small Signal Transistor Arrays
|
Matsshita / Panasonic
|
VN0606L |
TRANSISTOR 330 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-226AA, TO-92, 3 PIN, FET General Purpose Small Signal
|
Vishay Siliconix
|
2SC5632 |
Small-signal device - Small-signal transistor - High-Frequency Amplifiers and Others Silicon NPN epitaxial planar type
|
PANASONIC[Panasonic Semiconductor]
|
BSS138 |
TRANSISTOR 220 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236AB, PLASTIC PACKAGE-3, FET General Purpose Small Signal
|
Vishay Semiconductors
|
2SA921 |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires 小信号装小信号晶体管-一般使用低频Amplifires
|
Panasonic, Corp.
|
|