PART |
Description |
Maker |
MMBZ5230BLT3 MMBZ5224BL MMBZ5224BLT1 MMBZ5221BL MM |
Small Signal 4.7V 5% Zener 2.8V 2.4V Zener Small Signal 27V 5% Zener 43V 5% Zener 47V 5% 51V Zener Zener 62V 5% 60V Zener Small Signal 6.8V 5% Small Signal 25V 5% Small Signal 9.1V 5% Zener Voltage Regulator 30V 5% Small Signal 16V 5% Small Signal Zener 36V 5% Small Signal 20V 5%
|
ON Semiconductor
|
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BSS192 Q62702-S634 |
SIPMOS ? Small-Signal Transistor SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level) 150 mA, 240 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
SIEMENS A G SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG NXP Semiconductors N.V.
|
BUZ40B BSP372 BSP373 BSS129 BSS101 SN7000 BSS135 |
8 A, 500 V, 0.8 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220 TO-220, 3 PIN SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated 1.7 A, 100 V, 0.3 ohm, N-CHANNEL, Si, POWER, MOSFET SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated) 150 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 130 mA, 240 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 250 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92 80 mA, 600 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-92
|
Infineon Technologies AG SIEMENS AG SIEMENS A G
|
2N2904 JANTX2N2905A JAN2N2904 JAN2N2905 2N2904A 2N |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 PNP Transistor PNP SWITCHING SILICON TRANSISTOR 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 3 Pin 1.5A Fixed 12V Positive Voltage Regulator 3-TO-220 0 to 125 600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-5 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD
|
MICROSEMI CORP-LAWRENCE http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SI4354DY-T1-E3 |
TRANSISTOR 9500 mA, 30 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SI4421DY-T1-E3 |
TRANSISTOR 10000 mA, 20 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, ROHS COMPLIANT, SOP-8, FET General Purpose Small Signal
|
Vishay Siliconix
|
SP0610 SP0610T Q67000-S088 |
From old datasheet system SIPMOS Small-Signal Transistor 130 mA, 60 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-236
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
2SB0643 2SB0644 2SB643 |
Small-signal device - Small-signal transistor - General-use Low-Frequency Amplifires 小信号装小信号晶体管-一般使用低Amplifires
|
Panasonic
|
|