PART |
Description |
Maker |
KV-9096A |
VIRTUAL REAL-TIME & TIME LAPSE VCR
|
Toshiba Semiconductor
|
GS84032AB-180 GS84018AB-180 GS84036AB-180 GS84036A |
256K x 18, 128K x 32, 128K x 36 4Mb Sync Burst SRAMs 256 × 1828K的3228K的36 4Mb的同步突发静态存储器 256K x 18/ 128K x 32/ 128K x 36 4Mb Sync Burst SRAMs Time-Delay Relay; Contacts:SPST-NC; Time Range:0.1 - 60 sec.; Mounting Type:Panel; Timing Function:Delay-On-Break; Supply Voltage:12VDC; Time Range Max:60s; Time Range Min:0.1s
|
ETC Electronic Theatre Controls, Inc.
|
ISL12082IB8Z-T |
I2C-Bus Real Time Clock with Two Interrupts, Alarm, and Timer, Low Power RTC with Battery ReSeal, 2 IRQs, Hundredths of a Second Time and Crystal Compensation
|
Renesas Electronics Corporation
|
HIF7-80PA-1.27DSAL HIF7-80PA-1.27DSL HIF7-100DA-1. |
1.27mm (.050) MINIATURE CONNECTORS 1.27毫米050)微型连接器 Time-Delay Relay; Time Range:; Mounting Type:Plug In; Timing Function:Interval; Leaded Process Compatible:Yes; Load Current Max:1A; Relay Mounting:Plug-In; Supply Voltage:12VDC; Time Range Max:30s; Time Range Min:0.1s RoHS Compliant: Yes 1.27mm (.050) MINIATURE CONNECTORS
|
HIROSE ELECTRIC Co., Ltd. Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
CCL30-60A CCK140-200A CCK225-300A CCK35-60A CBO060 |
Fork-Lift and Stud-Mounted Fuses 32 - 130 Volts DC Fast Acting and Time-Delay TIME DELAY BLOW ELECTRIC FUSE, 20A, 130VDC, INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 200A, 72VDC, INLINE/HOLDER
|
Littelfuse
|
PEB2045 PEF2045 PEB2045-N PEB2045-P PEF2045-N PEF2 |
Memory Time Switch CMOS (MTSC) TELECOM, DIGITAL TIME SWITCH, PDIP40
|
SIEMENS AG SIEMENS A G
|
XC17S00 DS030 17S20PC 17S30LPC 17S10PC XC17S05XLSO |
Spartan 3.3V one-time programmable configuration PROM. Configuration bits 781248. Product Specification From old datasheet system SPARTAN FAMILY OF ONE-TIME PROGRAMMABLE CONFIGURATION PROMS Spartan 3.3V one-time programmable configuration PROM. Configuration bits 1040128. Spartan Family of One-Time
|
XILINX[Xilinx, Inc]
|
MRT315 |
Time Lag Radial Lead Micro Fuse Series TIME LAG BLOW ELECTRIC FUSE, 0.315A, 277VAC, 100A (IR), THROUGH HOLE
|
Bel Fuse, Inc.
|
ISL1221IUZ-T |
Low Power RTC with Battery Backed Real Time Clock/Calendar with Event Detection and Frequency Output REAL TIME CLOCK, PDSO10
|
Intersil Corporation Intersil, Corp.
|
IR3475MTRPBF IR3475MTR1PBF 2R5TPE330M9 C1608X5R1A2 |
10A Highly Integrated SupIRBuck Constant On.Time Control 10A Programmable High Freq Sync Buck Regulator with onboard constant on time hysteretic controller and MOSFETs Compensation Loop not Required
|
International Rectifier International Rectifier, Corp.
|
CMP-05G CMP05FZ CMP05GP |
COMPARATOR, 1000 uV OFFSET-MAX, 41 ns RESPONSE TIME, UUC7 COMPARATOR, 1500 uV OFFSET-MAX, 92 ns RESPONSE TIME, CDIP8 COMPARATOR, 2000 uV OFFSET-MAX, 92 ns RESPONSE TIME, PDIP8
|
PRECISION MONOLITHICS INC
|
DS83C530-DS87C530 DS87C530-ECL DS87C530-ENL DS87C5 |
33 MHz, EPROM/ROM microcontroller with real-time clock EPROM/ROM Microcontrollers with Real-Time Clock EPROM MICRO WITH REAL TIME CLOCK
|
MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|