PART |
Description |
Maker |
BETM-2A-1500 BETM-2A-250 BETM-2A-500 BEM-2A-500 BE |
Analog IC 模拟IC FUSE FAST 2.50A SHORT UL TE5 FUSE FAST-ACT 1.60A 50V 1206 SMD FUSE, RESETTABLE, 15V, 100MA, 500MW, 15V, 100MA, 0805 BIPHASE MODULATORS
|
Merrimac Industries, Inc.
|
RA110C RC110C RA113S RC113S RA103S RC103S RA114S R |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-236 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-92VAR 晶体管| 50V五(巴西)总裁| 100mA的一(c)|2VAR
|
Amphenol, Corp.
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
DTC114EMT2L DTC114EKAT146 DTC114EUAT106 DTC114EUB |
DTC114E series NPN 100mA 50V Digital Transistors NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
|
Rohm
|
SB01W05S SB01W05S-E |
50V/ 100mA Rectifier 50V, 100mA Rectifier Silicon Diode DIODE SCHOTTKY 50V 0.1A 3SPA
|
SANYO[Sanyo Semicon Device] N/A Sanyo Semiconductor
|
2SA608KNP 2SA608KNPG 2SA608KNPD 2SA608KNPE 2SA608K |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-92 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | SPAK 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5个引amp;#181;带看门狗和手动复位的P监控电路
|
Alliance Semiconductor, Corp.
|
CS8391 CS8391YDPR5 CS8391YDP5 |
5V/250mA/ 5V/100mA Micropower Low Dropout Regulator with ENABLE 5V/250mA, 5V/100mA Micropower Low Dropout Regulator with ENABLE Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护
|
CHERRY[Cherry Semiconductor Corporation] ZF Electronics, Corp.
|
LND2931-5.0 LND2931 LND2931-10 LND2931-12 LND2931- |
100mA, 3.0V to 24V, low dropout voltage regulator. 100mA Low Dropout Voltage Regulator
|
LinearDimensions Linear Dimensions Semiconductor
|
2SC4630LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 100mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/100mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
CS5112 CS5112EDWF24 CS5112EDWFR24 |
1.4A Switching Regulator with 5V, 100mA Linear Regulator with Watchdog, RESET and ENABLE 1.4A的开关稳压器采用5V100mA的线性稳压器,带有看门狗,复位和启用 1.4A Switching Regulator with 5V/ 100mA Linear Regulator with Watchdog/ RESET and ENABLE
|
ZF Electronics, Corp. CHERRY[Cherry Semiconductor Corporation]
|
HT7544-1 HT7533-1 HT7536-1 HT7530-1 HT7533 HT7550- |
100mA Voltage Regulator
|
Holtek Semiconductor Inc
|