PART |
Description |
Maker |
M466F0804DT1-L |
8M x 64 DRAM SODIMM Using 4Mx16, 4K Refresh 3.3V, Low power/Self-Refresh
|
SAMSUNG[Samsung semiconductor]
|
HM5165805F HM5165805FJ HM5165805FJ-5 HM5165805FJ-6 |
64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
|
Hitachi Semiconductor
|
IS42VM32160E IS45SMVM32160E IS42RMVM32160E |
Auto refresh and self refresh
|
Integrated Silicon Solu...
|
S43R32800-6BL |
Auto refresh and Self refresh
|
Integrated Silicon Solu...
|
HYB5117405BT-70 HYB5117405BT-60 HYB5117405BT-50 HY |
-4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M x 4-Bit Dynamic RAM 2k & 4k Refresh (Hyper Page Mode- EDO) From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|
HM51W16165 HM51W16165J-5 HM51W16165J-6 HM51W16165J |
1M X 16 EDO DRAM, 60 ns, PDSO44 16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
|
ELPIDA MEMORY INC
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
M464S0924CT2 M464S1724CT2 |
8M x 64 SDRAM SODIMM based on 8M x 16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD Datasheet 16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD Serial Presence Detect
|
Samsung Electronic
|
M366S3253BTS-C75 M366S3253BTS |
32MB x 64 SDRAM DIMM based on 32MB x 8, 4Banks, 8KB Refresh, 3.3V Synchronous DRAMs with SPD Data Sheet 32Mx64 SDRAM DIMM based on 32Mx8, 4Banks, 8K Refresh, 3.3V Synchronous DRAMs with SPD
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
KM416C4000B KM416C4100B KM416C4000BS-6 KM416C4000B |
4M x 16Bit CMOS dynamic RAM with fast page mode, 5V, 8K refresh, 50ns 4M x 16Bit CMOS dynamic RAM with fast page mode, 5V, 8K refresh, 60ns
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
KM416C254D KM416V254D KM416C254DJL-5 KM416C254DJL- |
256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=3.3V, 70ns, self-refresh 256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=3.3V, 60ns, self-refresh 256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=3.3V, 50ns, self-refresh 256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=5.0V, 70ns, self-refresh 256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=5.0V, 60ns, self-refresh 256K x 16Bit CMOS dynamic RAM with extended data out, Vcc=5.0V, 50ns, self-refresh
|
Samsung Electronic
|