Part Number Hot Search : 
06000 22500 X68C64SM 1N821 BAS20 SP483 OL3492LR 09B5U
Product Description
Full Text Search
  self Datasheet PDF File

For self Found Datasheets File :: 38370    Search Time::0.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MMA7456L MMA7456LR1 MMA7456LR2 MMA7456LT

Freescale Semiconductor, Inc
Part No. MMA7456L MMA7456LR1 MMA7456LR2 MMA7456LT
OCR Text ...lter, temperature compensation, self-test, configurable to detect 0g through interrupt pins (INT1 or INT2), and pulse detect for quick motion detection. 0g offset and sensitivity are factory set and require no external devices. The 0g offse...
Description 卤2g/卤4g/卤8g Three Axis Low-g Digital Output Accelerometer

File Size 494.11K  /  36 Page

View it Online

Download Datasheet





    AS4DDR32M16

Austin Semiconductor
Part No. AS4DDR32M16
OCR Text ...: 2, 4, or 8 * Auto Refresh and self Refresh Modes * Longer lead TSOP for improved reliability (OCPL) * 2.5V I/O (SSTL_2 compatible) * Concurrent auto precharge option is supported * tRAS lockout supported (tRAP = tRCD) COTS COTS PEM SDR...
Description 8 Meg x 16 x 4 Banks Double Data Rate SDRAM COTS, Plastic Encapsulated Microcircuit

File Size 7,664.02K  /  64 Page

View it Online

Download Datasheet

    AT45DQ161 AT45DQ161-MHD-Y AT45DQ161-MHF-Y AT45DQ161-CCUD-T AT45DQ161-MHF-T AT45DQ161-MHD-T

List of Unclassifed Manufacturers
Part No. AT45DQ161 AT45DQ161-MHD-Y AT45DQ161-MHF-Y AT45DQ161-CCUD-T AT45DQ161-MHF-T AT45DQ161-MHD-T
OCR Text ...) can be easily handled with a self-contained three step read-modify-write operation. unlike conventional flash memories that are accessed randomly with multiple address lines and a parallel interface, the dataflash ? uses a serial int...
Description 16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum

File Size 2,514.67K  /  82 Page

View it Online

Download Datasheet

    AT45DQ161-MHD-T AT45DQ161-MHF-Y AT45DQ161-MHF-T AT45DQ161-CCUD-T AT45DQ161-MHD-Y AT45DQ161-SSHD-B AT45DQ161-SHD-B AT45DQ

List of Unclassifed Manufacturers
List of Unclassifed Man...
Part No. AT45DQ161-MHD-T AT45DQ161-MHF-Y AT45DQ161-MHF-T AT45DQ161-CCUD-T AT45DQ161-MHD-Y AT45DQ161-SSHD-B AT45DQ161-SHD-B AT45DQ161-SSHD-T
OCR Text ...) can be easily handled with a self-contained three step read-modify-write operation. unlike conventional flash memories that are accessed randomly with multiple address lines and a parallel interface, the dataflash ? uses a serial int...
Description 16-Mbit DataFlash (with Extra 512-Kbits), 2.3V or 2.5V Minimum SPI Serial Flash Memory with Dual-I/O and Quad-I/O Support

File Size 2,508.92K  /  81 Page

View it Online

Download Datasheet

    Murata
Part No. LQH32PN1R0NN0L LQH32PN100MN0K LQH32PN150MN0K LQH32PN101MN0K LQH32PN101MN0L LQH32PN100MN0L LQH32PN220MN0L LQH32PN121MN0K LQH32PN1R5NN0L LQH32PN6R8NN0K LQH32PN6R8NN0L
OCR Text ...in operating temperature range (self-temperature rise is included): -40??+125? operating temperature range (self-temperature rise is not included): -40??+85? for re? ow soldering only. *1 when applied rated current to the products, in...
Description Inductors

File Size 118.30K  /  2 Page

View it Online

Download Datasheet

    93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-S

MICROCHIP[Microchip Technology]
Part No. 93C46B 93C46B-EP 93C46B-ESM 93C46B-ESN 93C46B-EST 93C46B-IP 93C46B-ISM 93C46B-ISN 93C46B-IST 93C46B-P 93C46B-SM 93C46B-SN 93C46B-ST 93C46
OCR Text ...m) * 64 x 16 bit organization * self-timed ERASE and WRITE cycles (including auto-erase) * Automatic ERAL before WRAL * Power on/off data protection circuitry * Industry standard 3-wire serial interface * Device status signal during ERASE/W...
Description 256 Bit/1K 5.0V CMOS Serial EEPROM
1K 5.0V Microwire Serial EEPROM

File Size 91.28K  /  12 Page

View it Online

Download Datasheet

    Intel
Part No. A82596DX KU82596DX KU82596SX
OCR Text ...e 32-bit statistical counters y self-test diagnostics y configurable initialization root for data structures y high-speed, 5-v, chmos ** iv technology y 132-pin plastic quad flat pack (pqfp) and pga package (see packaging specifications ord...
Description High-performance 32-bit local area network coprocessor

File Size 764.91K  /  77 Page

View it Online

Download Datasheet

    Intel
Part No. A82596CA KU82596CA
OCR Text ...s y 82586 software compatible y self-test diagnostics y optimized cpu interface e optimized bus interface to intel's i486 tm dx, i486 tm sx, i487 tm sx and 80960ca processors e 33 mhz, 25 mhz, 20 mhz and 16 mhz clock frequencies e supports ...
Description High-performance 32-bit local area network coprocessor

File Size 739.58K  /  76 Page

View it Online

Download Datasheet

For self Found Datasheets File :: 38370    Search Time::0.844ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of self

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55501890182495