PART |
Description |
Maker |
BT138-600 BT138 |
600V Vdrm 12A Triac, 1.65V Peak On-State Voltage, 2.0mA Repetitive Peak Off-State Current Bi-Directional Triode Thyristor
|
SemiWell Semiconductor
|
STK11C68-W30 STK11C68-W45 STK11C68-W45I STK11C68-C |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:8A; Holding Current:50mA Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):15A; Gate Trigger Current (QI), Igt:50mA; Current, It av:15A; Holding Current:70mA; Leaded Process Compatible:Yes RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Gate Trigger Current (QI), Igt:50mA; Package/Case:TO-3; Current, It av:25A; Holding Current:50mA Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:20mA; Current, It av:16A; Gate Trigger Current Max, Igt:20mA; Holding Current:35mA RoHS Compliant: Yes Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):4A; Gate Trigger Current (QI), Igt:25mA; Package/Case:V-PAK; Current, It av:4A; Holding Current:30mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础 Triac; Thyristor Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):8A; Gate Trigger Current (QI), Igt:35mA; Current, It av:8A; Gate Trigger Current Max, Igt:35mA; Holding Current:35mA RoHS Compliant: Yes
|
Electronic Theatre Controls, Inc.
|
HD-15531883 HD-15531/883 |
SCR Thyristor; SCR Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:30V; On-State RMS Current, IT(rms):4A; Peak Non Repetitive Surge Current, Itsm:20A; Gate Trigger Current Max, Igt:50uA Multiconductor Cable; Number of Conductors:6; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:FRPE - Flame Retardant Polyethylene; Leaded Process Compatible:Yes; Capacitance:17uF; Conductor Material:Copper RoHS Compliant: Yes
|
Intersil Corporation
|
HTX2-600 |
Repetitive Peak Off-State Voltage: 600V
|
SemiHow Co.,Ltd.
|
CNY-2.S CNY-2-MS CNY-2-MSR2 CNY-2-MSR2V CNY-2-MSV |
Phototransistor Optocouplers Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Current, It av:12A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:35mA; Current, It av:12A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 2.2 UFD.16WVDC.20%.3216.CASE A.TANT Hook-Up Wire; Conductor Size AWG:20; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 3173; CSA Type CL1251; Conductor Material:Copper; Jacket Material:XLPE Polyethylene; Leaded Process Compatible:Yes RoHS Compliant: Yes Multiconductor Paired EIA Industrial RS-485 Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC) RoHS Compliant: Yes 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER DIP-6 Phototransistor Optocouplers 光电晶体管光电耦合 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER SURFACE MOUNT PACKAGE-6 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:1000V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Current, It av:16A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:10mA; Current, It av:16A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:5mA; Current, It av:12A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:10mA; Current, It av:12A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes 光电晶体管光电耦合 Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:50mA; Current, It av:16A; Gate Trigger Current Max, Igt:50mA RoHS Compliant: Yes 光电晶体管光电耦合 Phototransistor Optocouplers 1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation http:// Fairchild Semiconductor, Corp.
|
BY329X-1000 BY329X-1200 BY329F BY329F-B1200 BY329 |
Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:10mA; Current, It av:6A; Gate Trigger Current Max, Igt:10mA RoHS Compliant: Yes Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:50mA Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:800V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Rectifier diodes fast/ soft-recovery Rectifier diodes fast, soft-recovery
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MGTO1000 MGTO1200 |
GATE TURN OFF THYRISTORS Gate turn-off thyristor / Repetitive peak off-state voltage 1000 V / 18 A RMS
|
MOTOROLA[Motorola, Inc]
|
BY329-1500 BY329-1500S |
Damper diode fast/ high-voltage Triac; Thyristor Type:Snubberless; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:35mA; Current, It av:6A; Gate Trigger Current Max, Igt:35mA RoHS Compliant: Yes Triac; Thyristor Type:Logic Level; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):6A; Gate Trigger Current (QI), Igt:5mA; Current, It av:6A; Gate Trigger Current Max, Igt:5mA RoHS Compliant: Yes Damper diode fast, high-voltage
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
NTE5825 NTE5818 NTE5819 NTE5823 |
Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 600V. Non-repetitive peak reverse voltage 660V. Silicon Power Rectifier Stud Mount, Fast Recovery, 12 Amp Silicon Power Rectifier Stud Mount Fast Recovery 12 Amp Silicon power rectifier. Stud mount, fast recovery, 12 Amp. Peak repetitive reverse voltage 200V. Non-repetitive peak reverse voltage 250V.
|
NTE[NTE Electronics]
|
BD139-25 BD135-25 BD137-25 |
Triac; Thyristor Type:Sensitive Gate; Peak Repetitive Off-State Voltage, Vdrm:400V; On State RMS Current, IT(rms):800mA; Gate Trigger Current (QI), Igt:5mA; Current, It av:0.8A; Leaded Process Compatible:Yes RoHS Compliant: Yes TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 1.5A I(C) | TO-126 Diac Thyristor; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Package/Case:Axial Leaded; Peak Surge Current:2A; Breakover Voltage Min:30V RoHS Compliant: Yes 晶体管|晶体管|叩| 45V的五(巴西)总裁| 1.5AI(丙)|126
|
HIROSE ELECTRIC Co., Ltd.
|
|