PART |
Description |
Maker |
NTK3142PT5G NTK3142PT1G NTK3142P |
Small Signal Power MOSFET -20 V, -280 mA, P-Channel with ESD Protection, SOT-723 Small Signal MOSFET ?0 V, ?80 mA, P?Channel with ESD Protection, SOT?23
|
Rectron Semiconductor
|
2N7002KW |
N-Ch Small Signal MOSFET with ESD Protection
|
SeCoS Halbleitertechnologie GmbH
|
NTZD5110N NTZD5110NT1 NTZD5110NT1G NTZD5110NT5G |
Small Signal MOSFET 60 V, 310 mA, Dual N-Channel with ESD Protection 294 mA, 60 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 60 V, 310 mA, Dual N−Channel with ESD Protection, SOT−563
|
ON Semiconductor
|
VEMI255A-HS3 VESD05A8-HN2 |
8-Lines ESD protection diode array 2-channel EMI Filter with ESD-Protection
|
Vishay Intertechnology,Inc. Vishay Siliconix
|
HDMI2C1-14HDS |
ESD protection and signal booster for HDMI Source control stage interface
|
ST Microelectronics
|
CPDU24V0U-HF |
Halogen Free ESD Diodes, V-C=50V, V-ESD=15kV SMD ESD Protection Diode
|
Comchip Technology
|
CPDER24V0U-HF |
Halogen Free ESD Diodes, V-C=50V, V-ESD=8kV SMD ESD Protection Diode
|
Comchip Technology
|
EMIF06-10006F1 EMIF06-10006 |
±15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 6 LINES EMI FILTER AND ESD PROTECTION 6 LINES EMI FILTER AND ESD PROTECTION
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
CSPEMI307AG CSPEMI307A |
4-Channel ESD/EMI Filter Array plus 4-Channel ESD Array for USB 4通道的ESD / EMI滤波器阵列加4通道的USB的ESD阵列 4 Channel EMI Filters with ESD Protection @ ±15kV plus 4 Channel ESD Protection Array @ ±15KV(IEC61000-4-2 Level 4 Contact ...
|
California Micro Devices Corporation CALMIRCO[California Micro Devices Corp]
|
ESDARF01-1BM2 |
ESD protection for AM and FM antennna ESD protection for AM and FM antenna
|
ST Microelectronics STMicroelectronics
|