PART |
Description |
Maker |
HLMP-3466-F0001 HLMP-3466-F0002 HLMP-3366-H0002 HL |
的T 1 3 / 4毫米)超薄LED Half pitch interface connectors (General); HRS No: 230-5056-0 00; No. of Positions: 68; Operating Temperature Range (degrees C): -55 to 85; General Description: One-touch lock plug cover; Overmold type HLMP-3351-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0000 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3351-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-D0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3568-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3451-EFB00 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E00R1 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3554-E0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0001 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3366-H0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0002 · T-1 3/4 (5 mm) Low Profile LED Lamp HLMP-3466-F0001 · T-1 3/4 (5 mm) Low Profile LED Lamp
|
Agilent (Hewlett-Packard)
|
HSMS-C177 HSMS-C197 HSMG-C177 HSMA-C177 HSMA-C197 |
Low Profile ChipLED 超薄型ChipLED HSMY-C177 · Low Profile ChipLED HSMY-C197 · Low Profile ChipLED HSMT-C197 · Low Profile ChipLED HSML-C197 · Low Profile ChipLED HSML-C177 · Low Profile ChipLED HSMG-C197 · Low Profile ChipLED HSMD-C197 · Low Profile ChipLED HSMD-C177 · Low Profile ChipLED HSMC-C197 · Low Profile ChipLED HSMC-C177 · Low Profile ChipLED HSMA-C197 · Low Profile ChipLED HSMA-C177 · Low Profile ChipLED HSMG-C177 · Low Profile ChipLED HSMS-C197 · Low Profile ChipLED HSMS-C177 · Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
81DA472M035JA2D 81DA561M250MB2D 81DA103M035KB2D 81 |
Aluminum Capacitors 105 C/ Snap-in Aluminum Capacitors 105 C Snap-in Aluminum Capacitors 105 ∑C, Snap-in Aluminum Capacitors 105 隆?C, Snap-in Aluminum Capacitors 105 掳C, Snap-in Aluminum Capacitors 105 °C, Snap-in Linear Voltage Regulators for Automotive Applications; Package: PG-SCT595-5; Regulator Type: tracker; Output Voltage: adj.; Accuracy: 0.5 %; Max. Output Current: 50mA; Dropout Voltage: 300mV 铝电容器105ΣC,管理单
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc. Vishay Intertechnology, Inc.
|
SC100..5.SERIES |
SCHOTTKY DIE 105 x 105 mils
|
International Rectifier
|
AFC105M35B12T AFC475M35B12T AFC105M50B12T AFC476M0 |
SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 ?C SMT Aluminum Electrolytic Capacitors - Low Impedance, 105 垄陋C
|
Cornell Dubilier Electronics Cornell Dubilier Electronic...
|
IHLP-2020BZ-01 |
Low Profile, High Current IHLP? Inductor Low Profile, High Current IHLP庐 Inductor Low Profile, High Current IHLP㈢ Inductor
|
Vishay Siliconix
|
VLFX-105 |
Low Pass Filter DC to 105 MHz (40 dB Isolation up to 20 GHz)
|
MINI[Mini-Circuits]
|
HSMS-C191 HSMH-C191 HSMD-C191 HSMG-C191 |
Agilent HSMG-C191 Low Profile ChipLED 安捷伦HSMG - C191超薄型ChipLED HSMG-C191 · Agilent HSMG-C191 Low Profile ChipLED HSMD-C191 · Agilent HSMD-C191 Low Profile ChipLED HSMH-C191 · Agilent HSMH-C191 Low Profile ChipLED HSMS-C191 · Agilent HSMS-C191 Low Profile ChipLED
|
Avago Technologies, Ltd. 发光二极 Agilent (Hewlett-Packard)
|
LTC2183 LTC2183CUPPBF LTC2183IUPPBF LTC2184 LTC218 |
16-Bit, 125/105/80Msps Low Power Dual ADCs
|
Linear Technology
|