Part Number Hot Search : 
HTP16A60 B12V114B SYSTEMS TSA5526 10A40 AN5150 MN3611RE D1781
Product Description
Full Text Search
  profile Datasheet PDF File

For profile Found Datasheets File :: 45240    Search Time::4.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    MT24D836 MT24D836G-XX MT24D836M-XX MT12D436M-XX MT12D436G-XX MT12D436DM-XX MT12D436DG-XX MT12D436G

Micron Technology, Inc.
Part No. MT24D836 MT24D836G-XX MT24D836M-XX MT12D436M-XX MT12D436G-XX MT12D436DM-XX MT12D436DG-XX MT12D436G
OCR Text ... Meg x 36 (DD-7) 4 Meg x 36 Low profile OPTIONS * Timing 60ns access MARKING -6 M G DM DG PIN SYMBOL PIN SYMBOL PIN SYMBOL PIN 1 Vss 19 A10 37 DQ18 55 2 DQ1 20 DQ5 38 DQ36 56 3 DQ19 21 DQ23 39 Vss 57 4 DQ2 22 DQ6 40 CAS0# 58 5 DQ20...
Description 4Meg x 36 Parity DRAM SIMMs(4M x 36奇偶校验动态RAM(单列直插存储器模块 4Meg × 36平价的DRAM的SIMM米36奇偶校验动态随机存储器(单列直插存储器模块))
DRAM MODULE

File Size 308.13K  /  17 Page

View it Online

Download Datasheet





    600R150-RA 600R150-RB 600R160-R1 600R160-RA

Littelfuse
Part No. 600R150-RA 600R150-RB 600R160-R1 600R160-RA
OCR Text ...ry methods and solvents. * This profile can be used for lead-free device Note: If soldering temperatures exceed the recommended profile, devices may not meet the performance requirements. 190 160 Preheating 0 180 to 210 2 to ...
Description POLYFUSE? Resettable PTCs
POLYFUSE㈢ Resettable PTCs

File Size 323.88K  /  5 Page

View it Online

Download Datasheet

    SF2027B

RF Monolithics, Inc
Part No. SF2027B
OCR Text ...sf2027b-041403 reflow soldering profile (sn63) 250 200 150 100 50 1 2 3 4 5 minutes temperature (deg c) peak temperature: 210 to 235 deg c pre-drying: 120 to 150 deg c time above liquidus ~ 30 seconds liquidus: 183 deg c solder temperatu...
Description 199.0 MHz SAW Filter

File Size 81.45K  /  4 Page

View it Online

Download Datasheet

    BP104FAS BP104FASR

OSRAM GmbH
Part No. BP104FAS BP104FASR
OCR Text ...eifreies Loten Reflow Soldering profile for lead free soldering 300 C 255 C 240 C 217 C 200 30 s max 150 120 s max 100 Ramp Up 3 K/s (max) 25 C 0 0 50 100 150 200 250 s 300 100 s max Ramp Down 6 K/s (max) 10 s min Vorbehandlung nach JED...
Description Silicon Pin Photodiode with Daylight Filter

File Size 115.53K  /  6 Page

View it Online

Download Datasheet

    HCPL-0710 HCPL-0710500

Agilent (Hewlett-Packard)
HP[Agilent(Hewlett-Packard)]
Part No. HCPL-0710 HCPL-0710500
OCR Text ...0.012) Solder Reflow Thermal profile 260 240 220 200 180 160 140 120 100 80 60 40 20 0 0 1 2 3 4 5 6 7 8 9 10 11 12 T = 145C, 1C/SEC T = 115C, 0.3C/SEC TEMPERATURE - C T = 100C, 1.5C/SEC TIME - MINUTES (NOTE: USE OF NON-CHLORIN...
Description 40 ns Prop. Delay, SO-8 Optocoupler

File Size 269.02K  /  16 Page

View it Online

Download Datasheet

    LCWC1206 LCWC1008 LCWC0402K101GTAR LCWC0805

AVX Corporation
Part No. LCWC1206 LCWC1008 LCWC0402K101GTAR LCWC0805
OCR Text ...(0.040) (0.070) mm (inches) low profile type size a b c d efgh i j (inch) max. max. max. ref. 0805 0805 2.29 1.73 1.03 0.51 1.27 0.44 1.02 1.78 1.02 0.76 (0.090) (0.068) (0.041) (0.020) (0.050) (0.017) (0.040) (0.070) (0.040) (0.030) 1008 1...
Description Wire Wound Chip Inductor
   Wire Wound Chip Inductor

File Size 302.41K  /  10 Page

View it Online

Download Datasheet

    BYV34-600 BYV34-600-15

NXP Semiconductors
Part No. BYV34-600 BYV34-600-15
OCR Text profile 1.1 General description Ultrafast, dual common cathode, epitaxial rectifier diode in a SOT78 (TO-220AB) plastic package. 1.2 Features I Fast switching I Soft recovery characteristic I Low switching loss I Low thermal resistanc...
Description Dual rectifier diode ultrafast
Dual ultrafast power diode

File Size 54.19K  /  9 Page

View it Online

Download Datasheet

    CGD1042H CGD1042H-2015

Quanzhou Jinmei Electro...
NXP Semiconductors
Part No. CGD1042H CGD1042H-2015
OCR Text profile 1.1 General description Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V Direct Current (DC), employing Hetero junction Field Effect Transistor (HFET) GaAs dies. CAUTION This device is sensitive...
Description 1 GHz, 23 dB gain high output power doubler

File Size 43.14K  /  7 Page

View it Online

Download Datasheet

    CGD1044H CGD1044H-2015

Quanzhou Jinmei Electro...
NXP Semiconductors
Part No. CGD1044H CGD1044H-2015
OCR Text profile 1.1 General description Hybrid amplifier module in a SOT115J package, operating at a supply voltage of 24 V Direct Current (DC), employing Hetero junction Field Effect Transistor (HFET) GaAs dies. CAUTION This device is sensitive...
Description 1 GHz, 25 dB gain high output power doubler

File Size 43.13K  /  7 Page

View it Online

Download Datasheet

    IP4364CX8 IP4064CX8LF IP4064CX8/LF/P135 IP4364CX8/LF135 IP4364CX8/LF/P135

NXP Semiconductors N.V.
Part No. IP4364CX8 IP4064CX8LF IP4064CX8/LF/P135 IP4364CX8/LF135 IP4364CX8/LF/P135
OCR Text ...roduct data sheet 1. Product profile 1.1 General description The IP4064CX8/LF and IP4364CX8/LF are 3-channel RC low-pass filter arrays which are designed to provide filtering of undesired RF signals in the 800 MHz to 3000 MHz frequency...
Description Integrated SIM card passive filter array with ESD protection to IEC61000-4-2, level 4

File Size 73.70K  /  13 Page

View it Online

Download Datasheet

For profile Found Datasheets File :: 45240    Search Time::4.187ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of profile

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.51417517662048