PART |
Description |
Maker |
DS1099U DS1099 DS1099U-F DS1099U-M DS1099U-G DS109 |
16 Hz, Low-frequency dual econ oscillator 8.187 kHz, Low-frequency dual econ oscillator 16.375 kHz, Low-frequency dual econ oscillator 32.750 kHz, Low-frequency dual econ oscillator Space-Saving, 8-Channel Relay/Load Driver Low-Frequency Dual EconOscillator 511.7 Hz, Low-frequency dual econ oscillator 255.8 Hz, Low-frequency dual econ oscillator 1 Hz, Low-frequency dual econ oscillator
|
Dallas Semiconducotr DALLAS[Dallas Semiconductor] MAXIM - Dallas Semiconductor
|
SIT1532 |
Smallest Footprint (1.2mm2) CSP 10 ppm Ultra-Low Power 32.768 kHz XTAL Replacement
|
SiTime Corp.
|
MCRF200I_1M14D MCRF200I1M14D MCRF200I_SN00A MCRF20 |
The MCRF200 is a low cost one time contactlessly programmable passive Radio Frequency Indentification (RFID) IC device for low frequency applications (100 kMz - 400 kMz). The device has a total of 128 bits of memory and can be configured w 125 kHz microID⑩ Passive RFID Device 125 kHz microID Passive RFID Device 125 kHz microID?/a> Passive RFID Device AC 4C 4#8 SKT PLUG ER 19C 19#16 SKT PLUG 125 kHz microIDPassive RFID Device 125千赫microID⑩无RFID器件 125 kHz microIDPassive RFID Device 125千赫microID⑩无源RFID器件 125 kHz microID?Passive RFID Device
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|
224-000312-20 224-000307-20 |
32.768 KHz Crystal
|
Oscilent Corporation
|
CM7V-T1A0.4-11 |
Tuning Fork Crystal 32.768 kHz
|
MICORO CRYSTAL SWITZERL...
|
DS32KHZ 32KHZ |
32.768 KHz TCXO From old datasheet system
|
Dallas
|
SX1555-R SX1555 |
3.8x8.0x2.5 mm - 32.768 kHz, Surface Mount Crystals
|
MTRONPTI[MTRONPTI]
|
X4115 X4115-32.768K-12.5P X4115-32.768K-9P |
4.1x1.5x0.7 mm 32.768 KHz Tuning Fork Surface Mount Crystal
|
Mercury United Electronics Inc
|
LXZT |
LEADED LOW FREQUENCY kHz BAND CERAMIC RESONATORS
|
ABRACON[Abracon Corporation]
|
VCXO-294A |
Output frequency of 32.768 to 100MHz is available
|
Kyocera Kinseki Corpotation
|
LA4589W LA4589 |
XTAL, 32.768 KHZ SURFACE MOUNT WATCH CRYSTAL 1.5V的立体声耳机放大器和功率放大 1.5V STEREO HEADPHONE PREAMPLIFIER AND POWER AMPLIFIER
|
BI Technologies, Corp. Sanyo Semicon Device
|