PART |
Description |
Maker |
Y1485V0052QT9R Y1485V0065QT9R Y1485V0066QT9R Y1485 |
High Precision Bulk Metal㈢ Foil Surface Mount Voltage Divider High Precision Bulk Metal? Foil Surface Mount Voltage Divider High Precision Bulk Metal庐 Foil Surface Mount Voltage Divider High Precision Bulk Metal垄莽 Foil Surface Mount Voltage Divider
|
http:// Vishay Siliconix
|
VJ0805A102JXOAT5Z VJ0805A102KXOAT5Z VJ0805A102MXOA |
Surface Mount Multilayer Ceramic Chip Capacitors Prohibit Surface Arc-over in High Voltage Applications
|
Vishay Siliconix
|
2N3700DCSM |
HIGH VOLTAGE, MEDIUM POWER, NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS HIGH VOLTAGE/ MEDIUM POWER/ NPN DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS High Voltage Medium Power NPN Dual Transistor In a Hermetically Sealed Cermic Surface Mount Package For High Reliability Application(高电压、中等功率、高可靠性、双NPN晶体管(陶瓷表贴封装 中高压双电源npn型晶体管在密封的六窑业表面贴装封装,高可靠性的应用(高电压,中等功率,高可靠性,双npn型晶体管(陶瓷表贴封装)
|
SemeLAB SEME-LAB[Seme LAB]
|
F0603FF0500V032T F0402FA0750V024T F0402FA1500V024T |
1206 High Current Rating Fast Acting Surface Mount Fuses 0603 Fast Acting Surface Mount Fuses HA Series of Surface Mount Multilayer Varistors 1206 Fast Acting Surface Mount Fuses 0603 Very Fast Acting Surface Mount Fuses 0402 Fast Acting Surface Mount Fuses 1206 High Inrush Current Surface Mount Fuses 1206 Slow Blow Surface Mount Fuses
|
AEM
|
SS8PH10-E3_86A SS8PH10-E3_87A SS8PH10-M3_86A SS8PH |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
CZTA44HC |
SURFACE MOUNT NPN SILICON HIGH CURRENT HIGH VOLTAGE TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
MSK5045-5.0HG MSK5045-2.5 MSK5045-2.5E MSK5045-2.5 |
HIGH EFFICIENCY, HIGH VOLTAGE 4 AMP SURFACE MOUNT SWITCHING REGULATORS
|
MSK[M.S. Kennedy Corporation]
|
MJD47 MJD50 MJD47TF |
High Voltage and High Reliability D-PAK for Surface Mount Applications
|
FAIRCHILD[Fairchild Semiconductor]
|
MSK613 MSK613H |
High voltage/ high speed surface mount amplifier
|
M.S. Kennedy Corp.
|
3KASMC10AHE3_9AT 3KASMC14 3KASMC16 3KASMC17 3KASMC |
Surface Mount Automotive Transient Voltage Suppressors (High Temperature Stability & High Reliability Conditions)
|
VISAY[Vishay Siliconix]
|
TPSMB30AHE3-52T TPSMB30AHE3-5BT TPSMB20A TPSMB36A |
Surface Mount PAR? Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
|
Vishay Siliconix
|