PART |
Description |
Maker |
FFM107 FFM101 FFM105 FFM102 FFM103 FFM104 FFM106 |
Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 1000V, maxVRMS = 700V, maxVDC = 1000V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 50V, maxVRMS = 35V, maxVDC = 50V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 600V, maxVRMS = 420V, maxVDC = 600V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 100V, maxVRMS = 70V, maxVDC = 100V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 200V, maxVRMS = 140V, maxVDC = 200V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 400V, maxVRMS = 280V, maxVDC = 400V. Current 1.0A. Surface mount glass passivated fast recovery silicon rectifier. MaxVRRM = 800V, maxVRMS = 560V, maxVDC = 800V. Current 1.0A.
|
Rectron Semiconductor
|
DL4003-13-F DL4004-13-F DL4001-13-F DL4002-13-F DL |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 200 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 400 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE
|
Diodes Inc. Diodes, Inc.
|
HD01 HD0110 HD02-T HD03-T HD04-T HD01-15 HD05-T HD |
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER RECTIFIER BRIDGE 0.8A 200V 30A-ifsm 1V-vf 5uA-ir MiniDIP 3K/REEL-13 0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes Incorporated
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
S1MB-13-F S1AB-13-F S1KB-13-F |
1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 1000 V, SILICON, SIGNAL DIODE 1.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER 1 A, 50 V, SILICON, SIGNAL DIODE RECTIFIER STANDARD SINGLE 1A 800V 800 30A-ifsm 5uA-ir 1.1V-vf SMB 3K/REEL 1 A, 800 V, SILICON, SIGNAL DIODE
|
Diodes, Inc.
|
S3M |
SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
|
HY ELECTRONIC CORP.
|
S2D S2A S2J S2M S2K S2B S2G |
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Shanghai Sunrise Electr... SSE[Shanghai Sunrise Electronics] Shanghai Sunrise Electronic...
|
GL41G GL41A GL41B GL41D |
1.0A Surface Mount Glass Passivated Rectifier
|
TAITRON Components Incorporated
|
S2A-SMB |
Surface Mount Glass Passivated Rectifier
|
Jinan Jingheng (Group) ...
|
S2J S2B |
SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
MIC GROUP RECTIFIERS
|