PART |
Description |
Maker |
1N3880 12FL40S02 12FL40S05 12FL40S10 1N3883 1N3890 |
6A, 12A AND 16A FAST RECOVERY RECTIFIERS A2A6A条快速整流二极管 6A, 12A AND 16A FAST RECOVERY RECTIFIERS 6A2A6A条快速整流二极管 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Yellow; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Red; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Orange; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes MKDS 3/ 2-B-5,08 BU (1N3879 - 1N3889) 6A / 12A AND 16A FAST RECOVERY RECTIFIERS 5A,12A and16A Fast Recovery RECTIFIE 6A 12A AND 16A FAST RECOVERY RECTIFIERS 100V Fast Recovery Diode in a DO-203AA (DO-4) package 200V Fast Recovery Diode in a DO-203AA (DO-4) package 400V Fast Recovery Diode in a DO-203AA (DO-4) package 600V Fast Recovery Diode in a DO-203AA (DO-4) package 800V Fast Recovery Diode in a DO-203AA (DO-4) package 1000V Fast Recovery Diode in a DO-203AA (DO-4) package 6A, 12A AND 16A FAST RECOVERY RECTIFIERS
|
International Rectifier, Corp. IRF[International Rectifier] Microsemi Corporation
|
CFRB207-G CFRB206-G CFRB204-G CFRB205-G CFRB201-G |
Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=2A Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=2A Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=2A Fast Recovery Rectifiers, V-RRM=50V, V-R=50V, I-O=2A Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=2A Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=2A Fast Recovery Rectifiers, V-RRM=100V, V-R=100V, I-O=2A SMD Fast Recovery Rectifiers
|
Comchip Technology
|
PDU620 PDU620-13 PDU620-15 |
6A ULTRA-FAST RECOVERY RECTIFIER PowerDI 5 Discrete - Rectifiers (0.5A and higher) - Fast / Super-Fast / Ultra-Fast Recovery Rectifiers
|
Diodes Incorporated
|
1N3891 |
FAST RECOVERY RECTIFIERS FAST RECOVERY RECTIFIERS Qualified per MIL-PRF-19500/304
|
Microsemi Corporation
|
FFA15U40DN FFA15U40DNTU |
15A/400VUltra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER Ultrafast with soft recovery
|
FAIRCHILD[Fairchild Semiconductor]
|
CEFC304-G CEFC305-G CEFC303-G CEFC302-G |
Efficient Fast Recovery Rectifiers, V-RRM=100V, V-R=100v, I-O=3A Efficient Fast Recovery Rectifiers, V-RRM=200V, V-R=200v, I-O=3A SMD Efficient Fast Recovery Rectifiers Efficient Fast Recovery Rectifiers, V-RRM=600V, V-R=600v, I-O=3A Efficient Fast Recovery Rectifiers, V-RRM=400V, V-R=400v, I-O=3A
|
Comchip Technology
|
F10C20 F10C15 F10C05 F10C10 |
FAST RECOVERY RECTIFIER Switchmode Dual Fast Recovery Power Rectifiers
|
MOSPEC Semiconductor ETC[ETC] List of Unclassifed Manufacturers
|
CURNM101-HF CURNM104-HF CURNM103-HF CURNM105-HF CU |
SMD Ultra Fast Recovery Rectifiers Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=400V, V-R=400V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=1000V, V-R=1000V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=600V, V-R=600V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=800V, V-R=800V, I-O=1A Halogen Free Ultra Fast Recovery Rectifiers, V-RRM=200V, V-R=200V, I-O=1A
|
Marl International Limi... Comchip Technology
|
FFPF06U40S FFPF06U40STU |
6A/400V Ultra Fast Recovery Rectifiers Ultra Fast Recovery Power Rectifer(平均整流电流6A超快速恢复功率整流器)
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FFPF06U40DP FFPF06U40DPTU |
6A/400V Ultra Fast Recovery Rectifiers ULTRA FAST RECOVERY POWER RECTIFIER
|
FAIRCHILD[Fairchild Semiconductor]
|
MUR420 MUR440 MUR460 |
Super Fast Recovery Pack: DO-201AD Ultra Fast Recovery Pack: DO-201AD GLASS PASSIVATED JUNCTION Ultra fast Plastic Rectifiers
|
Gulf Semiconductor http://
|
|