PART |
Description |
Maker |
EMC2113 EMC2113-13 EMC2113-1-AP-TR |
RPM-Based Fan Controller with Multiple Temperature Zones & Hardware Thermal Shutdown
|
Microchip Technology
|
BYQ30E BYQ30E-150 BYQ30E-200 BYQ30EB-150 BYQ30EB-2 |
Ultra low drop voltage regulators compatible with low ESR inhibit output capacitors 整流二极管超快。崎 Rectifier diodes ultrafast, rugged 8 A, 150 V, SILICON, RECTIFIER DIODE Rectifier diodes ultrafast, rugged 8 A, 200 V, SILICON, RECTIFIER DIODE SERVSELECT PS/2 30FT CPU CABLE Rectifier diodes ultrafast, rugged(超快速、强化的整流器二极管) Rectifier diodes ultrafast/ rugged
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
S3C4510B |
Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective, high-performance microcontroller solution for Ethernet-based systems. Samsungs S3C4510B 16/32-bit RISC microcontroller is a cost-effective/ high-performance microcontroller solution for Ethernet-based systems.
|
Samsung semiconductor
|
AT77C104B AT77C104BCB08V |
FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface 热指纹扫描的FingerChip传感器,硬件的基础上,导航和点击功能,SPI接口
|
Atmel Corp. Atmel, Corp.
|
S3C2510A S3C2510 |
IC,MICROPROCESSOR,32-BIT,CMOS,BGA,416PIN,PLASTIC 16/32-bit RISC micro-controller is a cost-effective, high-performance micro-controller solution for Ethernet-based systems, for example
|
Samsung Electronics Inc Samsung semiconductor
|
PN5120A0ET PN5120A0HN PN5120A0HN1 PN512AA0HN1 |
Full NFC forum compliant solution (TFBGA64) Full NFC forum compliant solution, 8-bit parallel interface (HVQFN40) Full NFC forum compliant solution (HVQFN32) Full NFC forum compliant solution (AEC-Q100)
|
NXP Semiconductors
|
BYQ40EW BYQ40EW-150 BYQ40EW-200 BYQ40EWSERIES |
Rectifier diodes ultrafast, rugged 20 A, 200 V, SILICON, RECTIFIER DIODE, TO-247 Rectifier diodes ultrafast/ rugged SERVSELECT VGA/PS-2 ONLY CPU CABLE Ultra low drop voltage regulators with inhibit low ESR output capacitors compatible
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BYQ30ED BYQ30ED-100 BYQ30ED-200 BYQ30ED-150 |
CABLE FROM SUN WORKSTATION 5 FT Rectifier diodes ultrafast/ rugged Rectifier diodes ultrafast, rugged
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
XCCACE128-I XCCACE-TQ144I XCCACE256-I XCCACE-TQ144 |
System ACE CompactFlash Solution Non-volatile system solution
|
http:// Xilinx, Inc.
|
SP508CF SP508 SP508EF |
Rugged 20Mbps, 8 Channel Multi-Protocol Transceiver with Programmable DCE/DTE and Termination Resistors Rugged 40Mbps, 8 Channel Multiprotocol Transceiver with Programmable DCE/DTE and Termination Resistors
|
SIPEX[Sipex Corporation]
|
MPC8265 MPC8255 MPC8260AVR MPC8260AZU MPC8260ZU MP |
MPC826xA (HiP4) Family Hardware Specifications MPC826xA (HiP4) Family Hardware Specifications PowerQUICC II™ Integrated Communications Processor V(dd): -0.3 to 2.5V; 150-300MHz microprocessor
|
http:// Motorola, Inc Freescale (Motorola)
|