PART |
Description |
Maker |
SD600N04PC SD600N08PC SD600N12PC SD600N16PC SD600N |
400V 600A Std. Recovery Diode in a B-8package 1200V 600A Std. Recovery Diode in a B-8package 1600V 600A Std. Recovery Diode in a B-8package 2000V 600A Std. Recovery Diode in a B-8package 2500V 600A Std. Recovery Diode in a B-8package 2800V 600A Std. Recovery Diode in a B-8package 3200V 600A Std. Recovery Diode in a B-8package
|
International Rectifier
|
SD150N20MBC SD150N20MBV SD150N20MC SD150N20MSC SD1 |
STANDARD RECOVERY DIODES 标准恢复二极 2500V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1600V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 800V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 400V 150A Std. Recovery Diode in a DO-205AC (DO-30)package 1200V 150A Std. Recovery Diode in a DO-205AC (DO-30)package
|
International Rectifier, Corp. IRF[International Rectifier]
|
70HFR20 70HFR80M 70HA140 70HF140 70HFR60 70HF100 7 |
800V 70A Std. Recovery Diode in a DO-203AB (DO-5)package 1400V 70A Std. Recovery Diode in a DO-203AB (DO-5)package 1000V 70A Std. Recovery Diode in a DO-203AB (DO-5)package 1600V 70A Std. Recovery Diode in a DO-203AB (DO-5)package 100V 70A Std. Recovery Diode in a DO-203AB (DO-5)package 1200V 70A Std. Recovery Diode in a DO-203AB (DO-5)package
|
International Rectifier
|
SD1500C04L SD1500C08L SD1500C12L SD1500C16L SD1500 |
400V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 800V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 1200V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 1600V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 2000V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 2500V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package 3000V 1600A Std. Recovery Diode in a DO-200AB (B-Puk)package
|
International Rectifier
|
60EPS08 60EPS12 |
800V 60A Std. Recovery Diode in a TO-247AC (2-Pin)package 1200V 60A Std. Recovery Diode in a TO-247AC (2-Pin)package
|
International Rectifier
|
302U010A 302U020A 302U030A 302U10A 302U60A 302UR02 |
STANDARD RECOVERY DIODES 50V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 400V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 800V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 100V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1000V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 320 x 240 pixel format, CFL backlight available with power harness STANDARD RECOVERY DIODES 标准恢复二极
|
IRF[International Rectifier] International Rectifier, Corp.
|
25FR120 25FR120M A25FR120 A25FR120M 25FR100 25FR10 |
100V 25A Std. Recovery Diode in a DO-203AA (DO-4)package From old datasheet system 800V 25A Std. Recovery Diode in a DO-203AA (DO-4)package STANDARDRECOVERYDIODES 400V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 600V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1000V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 1200V 25A Std. Recovery Diode in a DO-203AA (DO-4)package 标准恢复二极 STANDARD RECOVERY DIODES
|
IRF[International Rectifier] InternationalRectifier
|
40EPS16 |
1600V 40A Std. Recovery Diode in a TO-247AC (2-Pin)package INPUT RECTIFIER DIODE
|
International Rectifier
|
300U120AD 300U160AD 300UR160AD 70UR120D |
1200V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1600V 300A Std. Recovery Diode in a DO-205AB (DO-9)package 1200V 250A Std. Recovery Diode in a DO-205AB (DO-9)package
|
International Rectifier
|
PD6016 PC6012 PC6016 PD6012 |
DIODE MODULE 60A/1200 to 1600V
|
NIEC[Nihon Inter Electronics Corporation]
|
150U60D 150U060 150U060D 150U080 150U080D 150U100 |
150 A, 600 V, SILICON, RECTIFIER DIODE, DO-205AA DIODE 150 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AA, HERMETIC SEALED, METAL, DO-8, 1 PIN, Rectifier Diode DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE, DO-205AA, HERMETIC SEALED, METAL, DO-8, 1 PIN, Rectifier Diode 1200V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 1000V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 800V 150A Std. Recovery Diode in a DO-205AA (DO-8)package 600V 150A Std. Recovery Diode in a DO-205AA (DO-8)package
|
Vishay Semiconductors International Rectifier
|