PART |
Description |
Maker |
ZMY20G ZMY22G ZMY24G ZMY27G ZMY4.3G ZMY4.7G ZMY43G |
Surface mount Silicon-Zener Diodes (planar technology) Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:23-21 1302 RECALIBRATED BY NEWARK INONE SERVICES Triac; Thyristor Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:600V; On State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:25mA; Current, It av:16A; Gate Trigger Current Max, Igt:25mA RoHS Compliant: Yes surface mount silicon Zener diodes 5.1 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB surface mount silicon Zener diodes 硅表面贴装齐纳二极管 surface mount silicon Zener diodes 9.05 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG http://
|
2BZX84C3V0 2BZX84C3V007 2BZX84C47 2BZX84C3V6 |
3.6 V, 0.3 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-236 Surface mount Silicon Planar Dual Zener Diodes
|
DIOTEC SEMICONDUCTOR AG
|
ZMD33B ZMD36B ZMD27B ZMD24B ZMD43B ZMD47B ZMD100B |
Surface mount Silicon-Zener Diodes (non-planar technology) 33 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
|
http:// DIOTEC SEMICONDUCTOR AG
|
LS4148 |
Surface Mount Silicon Planar Diodes
|
Diotec Semiconductor
|
MM3Z18B |
Surface mount Silicon Planar Zener Diodes
|
Diotec Semiconductor
|
Z3SMC160 |
Surface Mount Silicon-Zener Diodes (non-planar technology)
|
http://
|
1N4728 1N4734 1N4730 1N4729 1N4740 1N4731 1N4764 1 |
1W SILICON PLANAR ZENER DIODES surface mount silicon Zener diodes 75 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 surface mount silicon Zener diodes 13 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 SQ ET HR MTR,208/240V,NONRESET - YOKOGAWA RoHS Compliant: NA 62 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-41 1.0 Watt Zener Diode 3.3 to 100 Volts
|
Chenyi Electronics Surge Components, Inc. Micro Commercial Components, Corp. Micro Commercial Components Corp. MCC[Micro Commercial Components] Micro Commercial Compon...
|
BAT54 |
Surface Mount Schottky Diode - Silicon epitaxial planar type 表面贴装肖特基二极管-硅外延平面型
|
Formosa Microsemi Co., Ltd.
|
ZMC11 ZMC12 ZMC13 ZMC7.5 ZMC2.408 ZMC2.7 ZMC20 ZMC |
Surface mount Silicon Planar Zener Diodes Surface mount Silicon Planar Zener Diodes
|
Diotec Semiconductor
|
ZMM2.7 ZMM1 ZMM3.6 ZMM91 ZMM10 ZMM100 ZMM11 ZMM12 |
surface mount silicon Zener diodes 3.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE surface mount silicon Zener diodes 3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE Surface mount Silicon Planar Zener Diodes
|
SunLED Co., Ltd. Diotec Semiconductor AG DIOTEC[Diotec Semiconductor]
|
ZPD11 ZPD22 ZPD16 ZPD10 ZPD43 ZPD51 ZPD47 ZPD62 ZP |
PTSE 6C 6#20 PIN PLUG 6010 CORDSETS 10A 70o SILICON PLANAR ZENER DIODES surface mount silicon Zener diodes
|
GOOD-ARK[GOOD-ARK Electronics]
|