PART |
Description |
Maker |
MC100EP016AFAR2G MC100EP016AMNG |
3.3 V ECL 8−Bit Synchronous Binary Up Counter 100E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3 V ECL 8-Bit Synchronous Binary Up Counter
|
ON Semiconductor
|
74LVC161BQ |
Presettable synchronous 4-bit binary counter; asynchronous reset LVC/LCX/Z SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PQCC16 74LVC161; Presettable synchronous 4-bit binary counter; asynchronous reset
|
NXP Semiconductors N.V. Philips
|
MC14020BDR2G |
14−Bit Binary Counter 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 14-BIT UP BINARY COUNTER, PDSO16
|
ON Semiconductor
|
HD14160B HD14161B HD14162B HD14163B HD14163 HD1416 |
Decade / 4-Bit binary Counters with Clear The HD14160B to HD14163B are synchronous programmable counters and functionally equivalent to the 74160 to 74163 TTL counters. 4-bit Binary Counter with synchronous Clears(带同步清除的4位二进制计数 Decade Counter with Synchronous Clears(带同步清除的十进制计数器) 4-bit Binary Counter with Asynchronous Clears(带异步清除的4位二进制计数
|
HITACHI[Hitachi Semiconductor] 计数
|
MC100EP016FAG MC10EP016FAR2G MC100EP016MNG MC10EP0 |
3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 100EP SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 3.3V / 5V ECL 8−Bit Synchronous Binary Up Counter 10E SERIES, SYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQFP32 ECL 8-Bit Synchronous Binary Up Counter
|
ON Semiconductor
|
MM74HC161N MM74HC161 MM74HC161M MM74HC161SJ MM74HC |
Zener Diode 225 mW 13 V ±5%SOT-23; Package: SOT-23 (TO-236) 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 HC/UH SERIES, SYN POSITIVE EDGE TRIGGERED 4-BIT UP BINARY COUNTER, PDSO16 Synchronous Binary Counter with Asynchronous Clear . Synchronous Binary Counter with Synchronous Clear
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
IDT74LVC161A 74LVC161A_DS_88829 IDT74LVC161AQ8 |
3.3V CMOS Preset Table Synchronous 4-Bit Binary Counter with Asynchronous Reset, 5.0V Tolerant I/O From old datasheet system 3.3V CMOS PRESETTABLE SYNCHRONOUS 4-BIT BINARY COUNTER
|
IDT
|
CD4024BDMSR CD4040BDMSR |
CMOS Ripple-Carry Binary Counter/Dividers; Temperature Range: -55°C to 125°C; Package: 14-SBDIP 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 7-BIT UP BINARY COUNTER, CDIP14 4000/14000/40000 SERIES, ASYN NEGATIVE EDGE TRIGGERED 12-BIT UP BINARY COUNTER, CDIP16
|
Intersil, Corp. HARRIS SEMICONDUCTOR
|
DM74ALS161B DM74ALS162B DM74ALS162BM DM74ALS162BN |
Synchronous Four-Bit Decade Counter with Synchronous Clear Synchronous Four-Bit Binary Counter with Synchronous Clear Synchronous Four-Bit Counter From old datasheet system Synchronous Four-Bit Binary Counter with Asynchronous Clear
|
FAIRCHILD[Fairchild Semiconductor]
|
TC7MH163FK TC7MH161FK |
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic 东芝的CMOS数字集成电路硅单 Synchronous Presettable 4-Bit Binary Counter Asynchronous Clear Synchronous Presettable 4-Bit Binary Counter Synchronous Clear
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
MC74HC4020A-D MC74HC4020AFEL MC74HC4020ADR2 MC74HC |
14-Stage Binary Ripple Counter High-Performance Silicon-Gate CMOS Monolithic WFR, Binary Counter
|
ON Semiconductor
|