PART |
Description |
Maker |
NU-73H74H-RG NU-73H74H-PG |
3.3V, 1.25 Gbps 1310 nm Burst-Mode TX / 1.25 Gbps 1490 nm Continuous RX 2X5 SFF Package, GE-PON 1000BASE-PX20-U ONU Transceiver
|
Optoway Technology Inc
|
VSC7650 VSC7651 VSC7640 |
4x 3.125 Gbps VCSEL Transmitter Array and 4x 3.125 Gbps Receiver Arrays with Integrated Limiting Amplifiers
|
Vitesse Semiconductor Corporation
|
LT-74E73E-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX20)
|
Optoway Technology Inc.
|
LT-74D73D-PG |
3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver (IEEE 802.3ah-2004 1000BASE PX10)
|
Optoway Technology Inc.
|
VSC7280 |
Dual XAUI - Dual XGMII Octal 0.95 Gbps to 3.25 Gbps Transceiver
|
Vitesse Semiconductor Corporation
|
PI3HDMI412FT-AZHE PI3HDMI412FT-ABE |
2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch 2:1 Mux/DeMux High Bandwidth (> 5 Gbps) HDMI 1.3 Compliant Signal Switch 2:1复用/解复用高带宽( Gbps)的HDMI 1.3的兼容信号开
|
Pericom Semiconductor Corp. Pericom Semiconductor, Corp.
|
MAX3991 MAX3991UTG |
DC to 4-GBPS Dual 1:2 MUX/Repeater/Equalizer 48-VQFN -40 to 85 10Gbps Clock and Data Recovery with Limiting Amplifier 10 Gbps clock and data recovery with limiting amplifier
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
BCM5675 |
8-Port 192 Gbps HiGig Switch Fabric BCM5675 8-PORT, 192-GBPS SWITCH FABRIC
|
Broadcom Corporation.
|
SPB-4920BLG SPB-4920BLWG SPB-4920LG SPB-4920LWG |
1330 nm TX / 1270 nm RX , 8.5 Gbps 1-Fiber SMLC SFP Transceiver 1330 nm TX / 1270 nm RX , 8.5 Gbps Digital Diagnostic 1-Fiber SM LC SFP Transceiver
|
Optoway Technology Inc
|
ADN2870 ADN2870NBSP ADN2870ACPZ-RL7 ADN2870ACPZ AD |
3.3 V, Dual Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver 3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver 3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver From old datasheet system N/A
|
AD[Analog Devices]
|