PART |
Description |
Maker |
MC33275DT-5.0G MC33275D-5.0G |
300 mA, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300 mA, Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO8
|
ON Semiconductor
|
MAX1649 MAX1649C_D MAX1649CPA MAX1649CSA MAX1649EP |
5V/3.3V or Adjustable, High-Efficiency,Low-Dropout, Step-Down DC-DC Controllers(5V或可降压型,输出电流2A,DC-DC变换MAX649的改进型) 5V/3.3V或可调、高效率、低压差、降压型DC-DC控制 Circular Connector; Body Material:Aluminum Alloy; Series:D38999; No. of Contacts:100; Connector Shell Size:23; Connecting Termination:Grounded; Gender:Male SWITCHING CONTROLLER, 300 kHz SWITCHING FREQ-MAX, PDSO8 5V/3.3V or Adjustable / High-Efficiency / Low-Dropout / Step-Down DC-DC Controllers 5V/3.3V or Adjustable High-Efficiency Low-Dropout Step-Down DC-DC Controllers 5V/3.3V or Adjustable, High-Efficiency, Low-Dropout, Step-Down DC-DC Controllers
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
NCP2860DMADJR2G |
300 mA Very Low Noise, Low Dropout Linear Regulator
|
ON Semiconductor
|
MC33275DT-3.0 MC33275DT-3.3RKG MC33275D-2.5G MC332 |
300 MA, LOW DROPOUT VOLTAGE REGULATOR
|
http:// ONSEMI[ON Semiconductor]
|
NCP114 |
CMOS Low Dropout Regulator, 300 mA
|
ON Semiconductor
|
UTCLM2954 UTCLM2954-5.0 UTCLM2954-3.3 |
300 mA LOW-DROPOUT VOLTAGE REGULATOR
|
Unisonic Technologies
|
NCP154MX150280TAG NCP154MX100180TAG |
Dual 300 mA, Low IQ, Low Dropout, Dual Input Voltage Regulator
|
ON Semiconductor
|
TLV73312PQDRVRQ1 TLV73310PQDRVRQ1 TLV73311PQDRVRQ1 |
<font color=red>[Old version datasheet]</font> Capacitor-Free, 300-mA, Low Dropout (LDO) Linear Regulator
|
TI store
|
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
NCP114BMX300TCG NCP114AMX300TCG NCP114BMX150TCG NC |
300 mA CMOS Low Dropout Regulator High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator 150 mA, High Accuracy, Very Low Dropout Bias Rail CMOS Voltage Regulator 300 mA CMOS Low Dropout Regulator 150 mA, High Accuracy, Very Low Dropout Bias Rail CMOS Voltage Regulator High Accuracy Very Low Dropout Bias Rail CMOS Voltage Regulator
|
ON Semiconductor
|
MIC5213-2.5BC5 MIC5213-2.8BC5 MIC5213-3.0BC5 MIC52 |
Teeny??SC-70 ??ap Low-Dropout Regulator Advance Information TeenySC-70 Cap Low-Dropout Regulator Advance Information 3.6 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 TeenySC-70 Cap Low-Dropout Regulator Advance Information 2.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, PDSO5 Teeny SC-70 μCap Low-Dropout Regulator(Teeny μCap技术SC-70封装低压差稳压器) 4.5V to 20V, 3A Synchronous Step Down SWIFT Converter 5.0 Vout 16-HTSSOP -40 to 85 TeenySC-70 レCap Low-Dropout Regulator Advance Information Teeny⑩ SC-70 レCap Low-Dropout Regulator Advance Information Teeny SC-70 Cap Low-Dropout Regulator Advance Information Teeny SC-70 μCap Low-Dropout Regulator Advance Information Teeny?/a> SC-70 μCap Low-Dropout Regulator Advance Information
|
MICREL INC Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|