PART |
Description |
Maker |
CS218I-50PBLEADFREE CS218I-50DLEADFREE CS218I-50PL |
50 A, 1200 V, SCR, TO-218 50 A, 400 V, SCR, TO-218 50 A, 1000 V, SCR, TO-218 50 A, 800 V, SCR, TO-218 50 A, 200 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 400 V, SCR, TO-218 Internally Trimmed Precision IC Multiplier 55 A, 1000 V, SCR, TO-218 63 A, 1200 V, SCR, TO-65 63 A, 600 V, SCR, TO-65 63 A, 200 V, SCR, TO-65 110 A, SCR, TO-83
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
P036RH06FNO P042RH04CM P027PH04CJO P042RH04CMO P02 |
100 A, 600 V, SCR 100 A, 400 V, SCR, TO-65 670 A, 600 V, SCR, TO-200AB 755 A, 600 V, SCR, TO-200AB 670 A, 200 V, SCR, TO-200AB 355 A, 600 V, SCR 355 A, 1000 V, SCR 355 A, 400 V, SCR 5680 A, 2600 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
MCR100-6-AA-T92-B MCR100L-8-AD-T92-B MCR100G-6-B-A |
0.8 A, 400 V, SCR, TO-92 0.8 A, 600 V, SCR, TO-92 0.8 A, 200 V, SCR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
FT0816BD FT0807DD FT0808DD FT0816MD FT0811DD |
200 V, 50 mA surface mount TRIAC 400 V, 5 mA surface mount TRIAC 400 V, 10 mA surface mount TRIAC 600 V, 50 mA surface mount TRIAC 400 V, 25 mA surface mount TRIAC
|
Fagor
|
FS1209DH FS1209BH FS1209MH FS1210BH |
Standard Gate SCRs 600 V, standard SCR 200 V, standard SCR 400 V, standard SCR
|
Fagor
|
FS0402DH |
400 V, 200 mA sensitive gate SCR
|
Fagor
|
CYNA25-1000 CYNA25-1000PT CYNA25-600 CYNB25-600 CY |
25 A, 1000 V, SCR, TO-220AB 25 A, 400 V, SCR, TO-220AB 25Amp - 400/600/800/1000V - SCR
|
CYNERGY3 CORP List of Unclassifed Manufacturers
|
CR6CM600-8 CR6CM CR6CM400-12 CR6CM400-8 CR6CM600-1 |
Lead-mount/ Phase Control SCR 6 Amperes/400-600 Volts Lead-mount, Phase Control SCR 6 Amperes/400-600 Volts 铅安装,相位控制晶闸 Amperes/400-600伏特
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CS55BZ CS55DZ |
Leaded Thyristor SCR SILICON CONTROLLED RECTIFIER 0.8 AMPS, 200 AND 400 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
2N6506-BD 2N6504-BD 2N6507-AF |
25 A, 200 V, SCR, TO-220AB 25 A, 50 V, SCR, TO-220AB 25 A, 400 V, SCR, TO-220AB
|
MOTOROLA INC
|
|