PART |
Description |
Maker |
ADP3334 ADP3334AR |
High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
|
AD[Analog Devices]
|
NCP3335DMR2285G NCP3335_06 NCP3335 NCP3335DMR2250G |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
ADP3335ARM-18 ADP3335ARM-2.85 |
High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
|
Analog Devices
|
NCV8537MN500R2G NCV8537MN330R2G |
500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
|
ON Semiconductor
|
NCP3337MN250R2G NCP3337MNADJR2G NCP3337MN330R2G |
FIXED POSITIVE LDO REGULATOR, PDSO10 Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
|
ON SEMICONDUCTOR
|
ADP3303 ADP3303AR-27 ADP3303AR-3 ADP3303AR-32 ADP3 |
High Accuracy anyCAP?200 mA Low Dropout Linear Regulator High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 2.7 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO8 RECTIFIER SCHOTTKY DUAL 40A 30V 375A-ifsm 0.58V-vf 1mA-ir TO-3P 30/TUBE RECTIFIER SCHOTTKY SINGLE 5A 30V 175A-ifsm 0.55V-vf 0.5mA-ir TO220AC 50/TUBE RECTIFIER SCHOTTKY DUAL 40A 50V 375A-ifsm 0.7V-vf 1mA-ir TO-3P 30/TUBE High Accuracy anyCAP® 200 mA Low Dropout Linear Regulator High Accuracy anyCAP 200 mA Low Dropout Linear Regulator High Accuracy anyCAP⑩ 200 mA Low Dropout Linear Regulator High Accuracy anyCAP?/a> 200 mA Low Dropout Linear Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
NCP3335AMN500R2G NCP3335AMN150R2G NCP3335AMN300R2G |
Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Accuracy, Low Iq 500 mA LDO with Reverse Bias Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, DSO10 Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ON Semiconductor
|
ADP3338 ADP3338AKC-18 ADP3338AKC-25 ADP3338AKC-285 |
0.3-8.5V; high accuracy ultralow 1A anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems CONNECTOR 5 V FIXED POSITIVE LDO REGULATOR, 0.4 V DROPOUT, PDSO4 Two, Three and Four Cell Lithium or Lithium-Polymer Battery Protection AFE 30-TSSOP -40 to 110 高精度超低智商,一甲,anyCAP低压差稳压器 High-Accuracy Ultralow IQ/ 1 A/ anyCAP Low Dropout Regulator JT 55C 55#20 PIN RECP JT 100C 100#22D PIN RECP Circular Connector; No. of Contacts:21; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-21 RoHS Compliant: No From old datasheet system High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator High Accuracy Ultralow Quiscent Current, 1A, any CAPDropout Regulator
|
Analog Devices, Inc. AD[Analog Devices]
|
ADP3301 ADP3301AR-27 ADP3301AR-3 ADP3301AR-32 ADP3 |
High Accuracy anyCAP⑩ 100 mA Low Dropout Linear Regulator High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
|
AD[Analog Devices]
|
MAC7101MPV MAC7101VVF MAC7121CVF MAC7111VVF MAC712 |
Handheld Infrared Thermometer; Temperature Measuring Range:-20 C to 500 C; Response Time:500ms; Accuracy: 1% Handheld Infrared Thermometer; Temperature Measuring Range:-20 C to 500 C; Response Time:500ms; Features:Laser Sighting; Accuracy: 1% MAC7100微控制器系列硬件规格 MAC7100 Microcontroller Family Hardware Specifications MAC7100微控制器系列硬件规格
|
Motorola, Inc. Motorola Mobility Holdings, Inc.
|
ADR4520 ADR4525 |
Ultra-Low-Noise, High-Accuracy 2.048V Voltage Reference Ultra-Low-Noise, High-Accuracy 2.5V Voltage Reference
|
Analog Devices
|
AME7106 AME7106A AME7106ACKW AME7106CPL AME7106R A |
3-1/2 Digit A/D Converter High Accuracy, Low Power
|
AME[Analog Microelectronics]
|