PART |
Description |
Maker |
M801-3120300R M801-3110300R |
Tact Switch, SMT, 7mm high, 260g Vertical force, red KEYPAD SWITCH, SPST, MOMENTARY-TACTILE, 0.05A, 12VDC, 3.04 N, SURFACE MOUNT-STRAIGHT Tact Switch, SMT, 7mm high, 160g Vertical force, brown
|
Harwin PLC HARWIN INC
|
SKPG |
High Operation Force
|
ALPS ELECTRIC
|
0945180400 |
High Normal Force (HNF) Female Terminal
|
Molex Electronics Ltd.
|
0945180201 SD-94518-005 |
High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin Plated High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (.248x.031) Tabs, Tin Plated
|
Molex Electronics Ltd.
|
94518-0401 SD-94518-005 |
High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (.248x.031) Tabs, Tin Plated Brass, AWG 12-16 High Normal Force (HNF) Female Terminal, For 6.3 x 0.8mm (."248x.031") Tabs, Tin Plated Brass, AWG 12-16
|
Molex Electronics Ltd.
|
SMM0207 |
Stable Metal Film on High Quality Ceramic, Force Fitted Steel Caps, Tin Plated on Nickel Barrier, High Power Rating, Good Thermal Distribution, Reliable Solderable Terminations to Facilitate Surface Mounting Metal Film, Cylindrical Resistors
|
Vishay Siliconix
|
46235-5001 |
Micro-Fit 3.0 High Mating Cycle, Reduced Mating Force, Crimp Terminal, Female, with 0.38μm (15μ) Selective Gold (Au) over Nickel (Ni), 20-24 AWG, with Lubricant
|
Molex Electronics Ltd.
|
DLM |
ZERO INSERTION FORCE
|
ITT Corporation
|
045501.6 0455.500 |
Snap Action Basic Switch; Contact Current Max:500mA; Circuitry:SPDT; Switch Terminals:Screw; Actuator Style:Hinge Lever; Current Rating:15A; Mounting Type:Screw Terminal; Operating Force Max:70gf; Operating Position:19 mm RoHS Compliant: Yes Surface Mount Fuses - Subminiature Surface Mount 表面贴装保险超小型表面贴
|
Littelfuse, Inc.
|
|