Part Number Hot Search : 
0LT1G BH6510FS ACS754 5328PI 81406 XPC100DC AS5011 60103
Product Description
Full Text Search
  electrical Datasheet PDF File

For electrical Found Datasheets File :: 397392    Search Time::3.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    LMV821

ON Semiconductor
Part No. LMV821
OCR Text ...Conditions Min Typ 1 2.7V DC electrical CHARACTERISTICS Unless otherwise noted, all min/max limits are guaranteed for TA = 25C, V+ = 2.7 V, Max 3.5 4 Unit mV mV/C nA http://onsemi.com 4 LMV821, LMV822, LMV824 V- = 0 V, V...
Description Single, Dual, Quad Low Voltage, Rail-to-Rail Operational Amplifiers

File Size 783.18K  /  16 Page

View it Online

Download Datasheet





    Littelfuse, Inc.
Part No. SPHV15-01ETG-C
OCR Text ...ng 20-40s) 260 c sphv12-01etg-c electrical characteristics (t op =25oc) parameter symbol test conditions min typ max units reverse standoff voltage v rwm i r 1a 12.0 v reverse breakdown voltage v br i r =1ma 13.3 v leakage current i leak v...
Description SPHV-C Series 200W Discrete Bidirectional TVS Diode

File Size 803.77K  /  6 Page

View it Online

Download Datasheet

    1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B

Microsemi, Corp.
Motorola Mobility Holdings, Inc.
Motorola Inc
Motorola, Inc.
MOTOROLA[Motorola Inc]
ON Semi
MOTOROLA[Motorola, Inc]
Diotec Elektronische
Part No. 1N5356B 1N5364B 1N5347B 1N5349B 1N5339B 1N5371B 1N5338B 1N5352B 1N5366B 1N5374B 1N5372B 1N5375B 1N5333B 1N5378B 1N5344B 1N5355B 1N5353B 1N5342B 1N5388B 1N5359B 1N5345B 1N5381B 1N5363B 1N5383B 1N5336B ON0008 1N5341B 1N5361B 1N5334B 1N5335B 1N5337B 1N5340B 1N5343B 1N5346B 1N5348 1N5348B 1N5350B 1N5351B 1N5357B 1N5358B 1N5360B 1N5362B 1N5365B 1N5367B 1N5368B 1N5369B 1N5370B 1N5373B 1N5376B 1N5377B 1N5379B 1N5380B 1N5382B 1N5384B 1N5385B 1N5386 1N5386B 1N5387B 1N5333BTHRU1N5388B 1N5354B
OCR Text ...imum Limits Guaranteed on Seven electrical Parameters Mechanical Characteristics: CASE: Void-free, transfer-molded, thermosetting plastic FINISH: All external surfaces are corrosion resistant and leads are readily solderable POLARITY: Catho...
Description    5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 16 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 47 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 12 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 3.3 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS 6 V, 5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
5 WATT ZENER REGULATOR DIODES 3.300 VOLTS 5瓦稳压稳压二极管3.30
MOSFET P-CH 250V 200MA SOT-89
500 mW DO-35 Glass Zener Voltage Regulator Diodes
From old datasheet system
Silicon-Power-Z-Diodes (non-planar technology)

File Size 87.83K  /  6 Page

View it Online

Download Datasheet

   
Part No. R8A77800ADBGV
OCR Text ...final part of each section. 7. electrical characteristics 8. appendix 9. main revisions and additions in this edition (only for revised versions) the list of revisions is a summary of points that have been revised or added to earlier...
Description 32-BIT, FLASH, 402 MHz, RISC MICROCONTROLLER, PBGA449

File Size 7,861.74K  /  1340 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. LS4151-GS18
OCR Text ...ilicon epitaxial planar diode ? electrical data identical with the device 1n4151 ? quadromelf package ? aec-q101 qualified ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? extreme...
Description SWITCHING DIODE GENPURP QUADROMELF-E2 - Tape and Reel

File Size 93.19K  /  4 Page

View it Online

Download Datasheet

    GLBCSC08-LF-T74

PROTEK DEVICES
Part No. GLBCSC08-LF-T74
OCR Text ...nt - watts 200w, 8/20s waveform electrical characteristics per line @ 25c unless otherwise specified note 1: part numbers with an additional ?c? suffix are bidirectional devices, i.e., gblcsc05 c. for other voltages contact factory. not...
Description 200 W, UNIDIRECTIONAL, SILICON, TVS DIODE

File Size 57.10K  /  3 Page

View it Online

Download Datasheet

    Alpha Wire
Part No. 9810 981014
OCR Text ...certain hazardous substances in electrical and electronic equipment. consult alpha wire's web site for compliance date of manufacture. 2) california proposition 65: the outer surface materials used in the manufacture of this part meet the ...
Description Customer Specification

File Size 101.95K  /  4 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. VLMY322U2V2-GS08
OCR Text ...tolerance of 0.1 v optical and electrical characteristics 1) vlmy322.., yellow parameter test condition part symbol min. typ. max. unit luminous intensity 2) i f = 50 ma vlmy322u1v2 i v 450 750 1125 mcd vlmy322u2v2 i v 560 850 1125 m...
Description Visible LED, SINGLE COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 245.18K  /  12 Page

View it Online

Download Datasheet

    Vishay Semiconductors
Part No. VLMY322U1V2-GS08 VLMO322U1V2-GS08
OCR Text ...tolerance of 0.1 v optical and electrical characteristics (t amb = 25 c, unless otherwise specified) vlmy322.., yellow parameter test condition part symbol min. typ. max. unit luminous intensity 1) i f = 50 ma vlmy322u1v2 i v 450 75...
Description Visible LED, SINGLE COLOR LED, YELLOW, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4
Visible LED, SINGLE COLOR LED, SOFT ORANGE, 2.4 mm, ROHS COMPLIANT, PLASTIC, SMD, LCC-4

File Size 221.37K  /  12 Page

View it Online

Download Datasheet

For electrical Found Datasheets File :: 397392    Search Time::3.015ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of electrical

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.75326299667358