PART |
Description |
Maker |
ADS-929_883 ADS-929GC ADS-929GM ADS-929MC ADS-929M |
14-Bit, 2MHz, Low-Power Sampling A/D Converters
|
Murata Power Solutions Inc.
|
LTC1272-8ACSW LTC1272-8CCSW LTC12721 LTC1272 LTC12 |
12-Bit, 3楼矛s, 250kHz Sampling A/D Converter 12-Bit, 3渭s, 250kHz Sampling A/D Converter 12-Bit, 3μs, 250kHz Sampling A/D Converter 12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: SO; No of Pins: 24; Temperature Range: 0°C to 70°C 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24 12-Bit, 3µs, 250kHz Sampling A/D Converter; Package: PDIP; No of Pins: 24; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7871 AD7871TQ AD7872AN AD7872KR AD7871KN AD7872J |
CMOS, Complete 14-Bit Sampling ADC with Serial Output CMOS, Complete 14-Bit, Sampling ADC with Three Data Output Formats 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP16 10-Bit, 20 MSPS ADC SE/Diff Inputs with Int References and 9.5 bit ENOB 28-SOIC -40 to 85 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, PDIP28 LC2MOS Complete 14-Bit, Sampling ADCs 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO16 LC2MOS Complete 14-Bit/ Sampling ADCs
|
ANALOG DEVICES INC Analog Devices, Inc.
|
MAX190 MAX191ACNG MAX191ACWG MAX191AENG MAX191AEWG |
75ksps, 5V, 12-Bit ADC with Track/Hold and Reference Low-Power / 12-Bit Sampling ADC with Internal Reference and Power-Down From old datasheet system Low-Power / 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power 12-Bit Sampling ADCs with Internal Reference and Power-Down Low-Power, 12-Bit Sampling ADCs with Internal Reference and Power-Down
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm
|
AD7813 AD7813YN AD7813YR AD7813YRU |
2.7 V to 5.5 V, 400 kSPS 8-/10-Bit Sampling ADC 1-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO16 2.7 V to 5.5 V 400 kSPS 8-/10-Bit Sampling ADC
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC1098LC LTC1096LCS8 LTC1096AC LTC1098LAI LTC1098 |
Micropower Sampling 8-Bit Serial I/O A/D Converters 微采位串行I /办公自动 D转换 Low Voltage/ Micropower Sampling 8-Bit Serial I/O A/D Converters
|
Linear Technology Corporation Linear Technology, Corp.
|
AD9433BSQ-105 AD9433BSQ-125 AD9433 AD9433_PCB AD94 |
12-Bit, 105 MSPS/125 MSPS IF Sampling A/D Converter 12-Bit 105/125 MSPS Analog-To-Digital IF Sampling Converter; Package: LQFP (10x10x1.4mm W/(5.9mm Heatsink); No of Pins: 52; Temperature Range: Industrial
|
AD[Analog Devices] ANALOG DEVICES INC
|
AD7865YS-1 AD7865YS-2 AD7865BS-1 AD7865BS-2 AD7865 |
Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC 4-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQFP44 Four-Channel/ Simultaneous Sampling/ Fast/ 14-Bit ADC
|
http:// Analog Devices, Inc.
|
MIC2601 |
1.2A - 1.2MHz/2MHz Wide Input Range Integrated Switch Boost Regulator
|
MICREL
|
LTC3527-1 LTC3527EUD-1 LTC3527EUD-1-PBF LTC3527EUD |
Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
|
Linear Technology
|
AD775 AD775JR AD775JN |
8-Bit 20 MSPS, 60 mW Sampling A/D Converter(820MSPS 60mW采样A/D转换 80 MSPS0毫瓦采样A / D转换器(8位,20MSPS 60mW的采样的A / D转换器) 8-Bit 20 MSPS, 60 mW Sampling A/D Converter(8浣?20MSPS 60mW???A/D杞????
|
Analog Devices, Inc.
|