Part Number Hot Search : 
VVJ20U8 A1202 TK16G60W AOD40008 459848 EH60055 B1100 SD1483
Product Description
Full Text Search
  optimized Datasheet PDF File

For optimized Found Datasheets File :: 34378    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    PI2003

Vicor Corporation
Part No. PI2003
OCR Text ...e with N-channel MOSFETs and is optimized for 48V redundant power system architectures. The PI2003 Cool-ORing controller enables an extremely low power loss solution with fast dynamic response to input power fault conditions, critical for h...
Description Universal Active ORing Controller IC

File Size 571.95K  /  16 Page

View it Online

Download Datasheet





    Intel
Part No. A82596DX KU82596DX KU82596SX
OCR Text ...s y 82586 software compatible y optimized cpu interface e 82596dx bus interface optimized to intel's 32-bit i386 tm dx e 82596sx bus interface optimized to intel's 16-bit i386 tm sx e supports big endian and little endian byte ordering y hi...
Description High-performance 32-bit local area network coprocessor

File Size 764.91K  /  77 Page

View it Online

Download Datasheet

    Intel
Part No. A82596CA KU82596CA
OCR Text ...tible y self-test diagnostics y optimized cpu interface e optimized bus interface to intel's i486 tm dx, i486 tm sx, i487 tm sx and 80960ca processors e 33 mhz, 25 mhz, 20 mhz and 16 mhz clock frequencies e supports big endian and little en...
Description High-performance 32-bit local area network coprocessor

File Size 739.58K  /  76 Page

View it Online

Download Datasheet

    RF2480

RF Micro Devices, Inc.
Part No. RF2480
OCR Text ...DMA base station requirements); optimized I,Q DC offsets Over Temperature (Temperature cycled from -40C to +85C after optimization at T=25C; POUT =-11dBm) T=25C; POUT =-11dBm; optimized I,Q DC offsets Over Temperature (Temperature cycled fr...
Description DIRECT QUADRATURE MODULATOR

File Size 82.03K  /  8 Page

View it Online

Download Datasheet

    ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL

AD[Analog Devices]
ANALOG DEVICES INC
Part No. ADP3404ARU ADP3404 ADP3404ARU-REEL ANALOGDEVICESINC-ADP3404ARUZ-REEL
OCR Text optimized for Specific GSM Subsystems Charges Back-Up Capacitor for Real-Time Clock Charge Pump and Logic Level Translators for 3 V and 5 V GSM SIM Modules Narrow Body 4.4 mm 28-Lead TSSOP Package APPLICATIONS GSM/DCS/PCS Handsets TeleMatic...
Description    GSM Power Management System
80-Lead Mixed Signal DSP with 7, 10-bit Analog Input Channels
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO28

File Size 142.07K  /  12 Page

View it Online

Download Datasheet

    CSH210R

TriQuint Semiconductor
Part No. CSH210R
OCR Text ... loss state only ** Performance optimized for 800 MHz to 2GHz operation with 100pF external blocking capacitors in all RF paths Symbol ILRF ISOL VSWR IL 10 20 26 30 56 Test Condition 0.5-1.0GHz 1.0-2.0GHz 0.5-1.0GHz 1.0-2.0GHz DC-2.5GHz 19 ...
Description GENERAL PURPOSE SPDT SWITCH
General Purpose SP2T Switch

File Size 244.06K  /  7 Page

View it Online

Download Datasheet

    IRF6626

http://
International Rectifier
Part No. IRF6626
OCR Text ... Ultra Low Package Inductance l optimized for High Frequency Switching l Ideal for CPU Core DC-DC Converters l optimized for both Sync. FET and some Control FET applications l Low Conduction and Switching Losses l Compatible with existing...
Description DIRECTFET TM POWER MOSFET

File Size 630.52K  /  9 Page

View it Online

Download Datasheet

    MT88E46 MT88E46AS

Zarlink Semiconductor, Inc.
Zarlink Semiconductor Inc.
Part No. MT88E46 MT88E46AS
OCR Text ... different algorithms which are optimized for the CPE states. In `off hook mode' the CAS detector is Bellcore compliant when near end speech is attenuated 8dB or better. `On hook mode' is optimized for talkdown only and typically meets talk...
Description Bellcore Compliant Calling Number Identification Circuit TELEPHONE CALLING NO IDENT CKT, PDSO20
Dual inputs (tip/ring and 4 wire) Bellcore compliant Extended Voltage Calling Number Identification Circuit for CID, CIDCW and CWD (Type 2 and 2.5)

File Size 510.04K  /  23 Page

View it Online

Download Datasheet

    Zarlink
Part No. MT88E46 107
OCR Text ... different algorithms which are optimized for the CPE states. In `off hook mode' the CAS detector is Bellcore compliant when near end speech is attenuated 8dB or better. `On hook mode' is optimized for talkdown only and typically meets talk...
Description Bellcore Compliant Calling Number Identification Circuit
From old datasheet system

File Size 506.87K  /  23 Page

View it Online

Download Datasheet

For optimized Found Datasheets File :: 34378    Search Time::0.937ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of optimized

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.55907607078552