PART |
Description |
Maker |
LP3965EMP-1.8 LP3965EMP-2.5 |
1.5A Fast Ultra Low Dropout Linear Regulators LP3965 - 1.5A Fast Ultra Low Dropout Linear Regulator, Package: SOT-223, Pin Nb=5
|
NSC
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
SPX1085T-3.3 SPX1085AU-3.3 SPX1085U-5.0 SPX1085 SP |
5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response CONNECTOR ACCESSORY 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response 3A低压差线性稳压器可调 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2
|
SIPEX[Sipex Corporation] EXAR CORP
|
LT1585ACT-3.3PBF LT1585A-3.3-15 |
5A Low Dropout Fast Response Positive Regulators Adjustable and Fixed 7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: TO-220; No of Pins: 3; Temperature Range: 0°C to 70°C 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3
|
Linear Technology, Corp.
|
SPX1587 SPX1587AR SPX1587AR-1.5 SPX1587AR-2.5 SPX1 |
3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response A低压差线性稳压器可调 3A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response(3A,低压差稳压器(可调和固定输快速响) ER 22 24 D/C PLAS 3A Low Dropout Voltage Regulator Adjustable & Fixed Output Fast Response
|
SIPEX[Sipex Corporation]
|
SPX1585 SPX1585AT SPX1585AT-1.5 SPX1585AT-2.5 SPX1 |
5A Low Dropout Voltage Regulator, 2% 5A Low Dropout Voltage Regulator, 1% 5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
SIPEX[Sipex Corporation]
|
LT1585A LT1585ACM LT1585ACM-1.5 LT1585ACT LT1585AC |
From old datasheet system 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR %A Low Dropout Fast Response Positive Adjustable and Fixed Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
NCP508MN30TBG NCP508MN25TBG NCP508MN28TBG NCP508SQ |
Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
|
ON Semiconductor
|
SEMP8965 |
Fast Ultra High-PSRR, Low Noise, Low-Dropout
|
SeCoS Halbleitertechnologie GmbH
|
AP133-WG-7 AP133 AP133-SN AP133-SNG-7 AP133-SN-W |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
AP7365-08YRG-13 AP7365-10YRG-13 AP7365-12YRG-13 AP |
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes Incorporated http://
|
AP7335A-50SN-7 |
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes
|