PART |
Description |
Maker |
UPB100474B-15 UPB100474B-10 UPB100474B-6 |
1,024 x 4-bit 100K ECL RAM. Access time(max) 15 ns. 1,024 x 4-bit 100K ECL RAM. Access time(max) 10 ns. 1,024 x 4-bit 100K ECL RAM. Access time(max) 6 ns.
|
NEC
|
UPB100474ABH-6 UPB100474AD-5 |
1,024 x 4-bit 100K ECL RAM. Access time(max) 6 ns. 1,024 x 4-bit 100K ECL RAM. Access time(max) 5 ns.
|
NEC
|
CDP1821C CDP1821C3 FN2983 CDP1821C_3 CDP1821CD3 CD |
From old datasheet system High-Reliability CMOS 1024-Word x 1-Bit Static RAM 高可靠性的CMOS 1024字1位静态存储器 High-Reliability CMOS 1024-Word x 1-Bit Static RAM 1K X 1 STANDARD SRAM, 255 ns, CDIP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LC87F5164A |
8-Bit Single Chip Microcontroller with 64KB(65535 ×8 bits) FEPROM and 1024 Byte(1024 ×8 bits) RAM On Chip(8位单片微控制器(带片4K5535 ×8 bit)字节闪速EPROM024
|
Sanyo Electric Co.,Ltd.
|
EDV54-080-11 EDV64-080-11 EDV54-080-11-155.52MHZ |
VCXO, CLOCK, 155.52 MHz, ECL 100K OUTPUT 16 PIN DIP ECL VCXO
|
CONNOR WINFIELD CORP Connor-Winfield Corporation
|
HM6148HLP HM6148HLP-45 HM6148HLP-55 |
1024-word x 4-bit High Speed Static CMOS RAM
|
Hitachi Semiconductor
|
X9111TB15I-2.7 |
100K DIGITAL POTENTIOMETER, 3-WIRE SERIAL CONTROL INTERFACE, 1024 POSITIONS, BGA15
|
INTERSIL CORP
|
HM6148HLP-55 HM6148HLP-45 |
1024-word x 4-bit High Speed Static CMOS RAM 1024字4位静态高速CMOS存储
|
Hitachi,Ltd.
|
MU9C1480A MU9C1480A-12DC MU9C1480A-12DI MU9C1480A- |
THE 1024 X 64-BIT LANCAM FACILITATES NUMEROUS 1024 X 64-BIT CMOS CONTENT-ADDRESSABLE MEMORY (CAM)
|
ETC
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
LC87F5932A08 |
Internal 32K-byte FROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|
ENA0125B |
CMOS IC Internal 32K/24K/16K-byte ROM and 1024-byte RAM 8-bit 1-chip Microcontroller
|
Sanyo Semicon Device
|