PART |
Description |
Maker |
ATMEGA48 ATMEGA88V TSC80C31-25ABD TSC80C31-16MGDP8 |
8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash 8-BIT, 25 MHz, MICROCONTROLLER, PQCC44 8-BIT, 16 MHz, MICROCONTROLLER, CDIP40 8-BIT, 30 MHz, MICROCONTROLLER, UUC40 8-BIT, MROM, 30 MHz, MICROCONTROLLER, PQFP44 8-BIT, 16 MHz, MICROCONTROLLER, UUC40 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 High performance, low power Atmel AVR 8-bit microcontroller Advanced RISC architecture 8-bit Microcontroller with 8K Bytes In-System Programmable Flash High endurance non-volatile memory segments High performance, low power Atme 8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation TEMIC SEMICONDUCTORS
|
ATMEGA162V-8PI ATMEGA162V-8AI ATMEGA162-16MI ATMEG |
8-Bit AVR Microcontroller with 16K Bytes In-System ProgrammableFlash 8-BIT, FLASH, 8 MHz, RISC MICROCONTROLLER, PDIP40
|
Atmel Corp. Atmel, Corp.
|
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
Z86E6116VSC Z86E6116PSC |
8-BIT, OTPROM, 16 MHz, MICROCONTROLLER, PQCC44 Z86E61/Z86E63 CMOS Z8 16K/32K EPROM Microcontroller
|
ZILOG INC Zilog, Inc.
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
IS24C08-2 IS24C08-2G IS24C08-2GI IS24C08-2P IS24C0 |
1K-bit/2K-bit/4K-bit/8K-bit/16K-bit2-WIRESERIALCMOSEEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM
|
ETC[ETC]
|
ST20P18 |
16K 8-bit Single Chip Microcontroller
|
Sitronix Technology Co., Ltd.
|
AT89C51RB2-3CSUM AT89C51RC2-3CSUM 89C51RC2-UL 89C5 |
8-bit Microcontroller with 16K/ 32K Bytes Flash
|
ATMEL Corporation
|
ATMEGA169PA ATMEGA169PA-AU ATMEGA169PA-AUR ATMEGA1 |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL Corporation
|
ATMEGA48 ATMEGA88V ATMEGA48V |
8-bit Microcontroller with 4/8/16K Bytes In-System Programmable Flash
|
ATMEL Corporation http://
|
ATMEGA16207 ATMEGA162V-8PU ATMEGA162 ATMEGA162-16A |
8-bit Microcontroller with 16K Bytes In-System Programmable Flash
|
ATMEL[ATMEL Corporation]
|