PART |
Description |
Maker |
SP1481E SP1481ECN-L SP1481ECN-L_TR SP1481EEN-L SP1 |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Exar Corporation
|
SP485E |
Enhanced Low Power Half-Duplex RS-485 Transceivers
|
Sipex Corporation
|
MAX13181EELBT MAX13182EELBT MAX13184EELB MAX13183E |
5.0V, ±15kV ESD-Protected, Half-Duplex/Full-Duplex, RS-485 Transceiver in µDFN
|
MAXIM - Dallas Semiconductor
|
SP3483 SP3483CN SP3483CP SP3483EN SP3483EP |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
SP3483CN_TR SP3483EN_TR SP348304 SP3483EP SP3483 S |
3.3V Low Power Slew Rate Limited Half-Duplex RS-485 Transceiver
|
SIPEX[Sipex Corporation]
|
ISL8487E FN6051 |
1/4 Unit Load, Half Duplex, 5V, Low Power, Slew Rate Limited, RS-485/RS-422 Transceiver From old datasheet system
|
Intersil
|
ADM485E ADM1487E ADM487E |
5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (2.5 Mbps, ? Load) 5 V, ±15 kV ESD Protected, Half Duplex RS-485/RS-422 Transceiver (250 kbps, ? Load)
|
Analog Devices
|
ADM3075EYRZ-REEL7 ADM3075EARZ-REEL7 ADM307EARZ-REE |
3.3 V, 5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers 3.3伏特,5千伏ESD保护,半和全双工,RS-485/RS-422收发 3.3 V, ??5 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
ADM3490EARZ ADM3490EARZ-REEL7 ADM3488E ADM3488EARZ |
3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 12Mbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Full Duplex, 250kbps) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 2.5 Mbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, RS-485/RS-422 Transceiver (Half Duplex, 250kbps, DE/RE) 3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
|
Analog Devices
|
SP490E SP490ECN SP490ECP SP490EEN SP490EEP SP491E |
Enhanced Full Duplex RS-485 Transceivers
|
SIPEX[Sipex Corporation]
|
EKLDL080 EKLPG080 EKLPG045 EKLPG050 |
Logic IC Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer; Temperature Range: -40°C to 85°C; Package: 20-QFN 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 3.3V, Half Duplex, 30Mbps, RS-485/RS-422 Transceiver; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 逻辑IC Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch; Temperature Range: -40°C to 85°C; Package: 16-QFN T&R
|
|
|