Description |
5 V Slew-rate Limited Half- and Full-Duplex rS-485/rS-422 Transceiversr>Full Duplex rS-485/rS-22 Transceiver w/10Mbps Data rater>Full Duplex rS-485/rS-22 Transceiver w/115kbps Data rater>Full Duplex rS-485/rS-22 Transceiver w/500kbps Data rater>Half Duplex rS-485/rS-22 Transceiver w/500kbps Data rater>Half Duplex rS-485/rS-22 Transceiver w/115kbps Data rater>Half Duplex rS-485/rS-22 Transceiver w/2.5Mbps Data rater>Full Duplex rS-485/rS-22 Transceiver w/2.5Mbps Data rater>MOSFET, N, TO-92; Transistor type:MOSFET; Current, Id cont:0.47A; resistance, rds on:2r; Case style:TO-92; Current, Idm pulse:1A; Pins, No. of:3; Pitch, lead:2.54mm; Power dissipation:0.8W; Power, Pd:0.8W; Temperature, roHS Compliant: Yesr>5 V Slew-rate Limited Half- and Full-Duplex rS-485/rS-422 Transceivers LINE TrANSCEIVEr, DSO8r>5 V Slew-rate Limited Half- and Full-Duplex rS-485/rS-422 Transceivers 5伏摆率限制半和全双工rS-485/rS-422收发r>5 V Slew-rate Limited Half- and Full-Duplex rS-485/rS-422 Transceivers LINE TrANSCEIVEr, PDSO8r>
|