PART |
Description |
Maker |
ZW.../...FST |
Cemented Resistors with Push-on Terminals, All welded construction, Fast - on terminals for a reliable electrical contact, Taps and insulated windings on a common core available (please contact factory), Suited for a customer design
|
Vishay
|
850-006 |
Extended Duty Electrical Socket Contact
|
Glenair, Inc.
|
850-005-20-452 850-005-20-453 850-005-20-509 M3902 |
Standard Duty Electrical Socket Contact
|
Glenair, Inc.
|
ACC701-000 |
10/100Mb/s Electrical-to-Electrical Ethernet Demarcation Device.
|
JDS Uniphase Corporation
|
MS3102R28-21PZ |
ISOLIERKORPER STIFT INSULATOR PIN KONTAKTSTIFT CONTACT PIN DOSENGEHAUSE SHELL
|
ITT Industries
|
50012-8100 |
Crimp Pin Contact; Wire Size (AWG):28-24; Contact Current:2A; Pitch Spacing:0.079" RoHS Compliant: Yes
|
MOLEX INC
|
10-89-1642 10-89-1562 10-89-2562 10-89-2141 10-88- |
64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 56 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,14 Contacts,PIN,0.1 Pitch,PC TAIL Terminal 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin
|
Molex, Inc. MOLEX INC
|
PE1001-3 |
Hermetic Seal Solder Contact With 0.018 Pin Diameter 0.112 Body Diameter And 0.18 Pin Length
|
Pasternack Enterprises, Inc.
|
1008001P 1008001S 1008003P 1008003S |
OUTLINE ASSEMBLY-MARC SHIELDED PIN&SOCKET CONTACTS PIN CONTACT ASSEMBLY
|
Winchester Electronics ...
|
BAL99W-T3 BAL99W-T1 BAL99W |
JT 4C 4#16 PIN RECP 表面贴装快速开关二极管 Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:12-3 RoHS Compliant: No SURFACE MOUNT FAST SWITCHING DIODE
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
2SJ326 2SJ326-Z 2SJ326-Z-T1 2SJ326-Z-E1 2SJ326-Z-E |
GT 6C 4#16 2#8 PIN RECP LINE Temperature Range (degrees C): -30 to 85; General Description: In-line adapter; Both ends male contacts; Pin contact SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE P-channel enhancement type
|
NEC Corp. NEC[NEC]
|
CONT-JL05-08P-C1 CONT-JL05-08P-C2 |
PIN CONTACT
|
Japan Aviation Electronics Industry, Ltd.
|