PART |
Description |
Maker |
CY7B9911V-5JCT |
3.3 V RoboClock High Speed Low Voltage Programmable Skew Clock Buffer
|
Cypress
|
SST30VR043-500-C-EH SST30VR043-500-C-KH SST30VR043 |
-bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub High-Speed USB Hub Controller Low-Cost 3.3V Zero Delay Buffer IC USB HOST/PERIPH CNTRL 的SRAM /光盘 3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer TetraHub™ High-Speed USB Hub Controller
|
Silicon Storage Technology, Inc.
|
CY7B9950 CY7B9950AC CY7B9950ACT CY7B9950AI CY7B995 |
Clocks and Buffers : RoboClock Skew Management 2.5/3.3V, 200-MHz High-Speed Multi-Phase PLL Clock Buffer 2.5/3.3V 200-MHz High-Speed Multi-Phase PLL Clock Buffer
|
CYPRESS[Cypress Semiconductor]
|
ADM222 ADM222AN ADM222AR ADM232A ADM232AAN ADM232A |
High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers High Speed/ 5 V/ 0.1 uF CMOS RS-232 Drivers/Receivers High Speed. 5 V. 0.1 uF CMOS RS-232 Drivers/Receivers 高速5.1超滤的CMOS的RS - 232驱动接收 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 LED GREEN DIFFUSED 1X5MM RECT DUAL LINE TRANSCEIVER, PDSO16
|
http:// AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
ST110S14P0 ST110S12P |
3.3V RoboClock® Low Voltage Programmable Skew Clock Buffer 64/256/512/1K/2K/4K/8K x 9 Synchronous FIFOs
|
Glenair, Inc.
|
ADM222 ADM242 ADM232A ADM222AARN ADM222AARW |
Nominal:5V; high-speed; 400mW; CMOS RS-232 driver/receiver. For computers, peripherals, modems, printers, instruments Part of a family of high speed RS-232 line drivers/receivers offering transmission rates up to 200 kB/s High Speed, 5V, 0.1 F CMOS RS-232 200kBPS Transceiver with 2 Drivers, 2 Receivers, Shutdown and Enable Pins High Speed, 5V, 0.1 F CMOS RS-232 Transceiver with 2 Drivers, 2 Receivers, 200kBPS Data Rate and a Shutdown Pin
|
Analog Devices
|
AT27BV256-90TI AT27BV256 AT27BV256-12JC AT27BV256- |
High Speed CMOS Logic Dual 4-Stage Binary Counters 14-SOIC -55 to 125 32K X 8 OTPROM, 150 ns, PDSO28 High Speed CMOS Logic Dual 4-Input NOR Gates 14-SOIC -55 to 125 High Speed CMOS Logic Dual Decade Ripple Counters 16-SOIC -55 to 125 High Speed CMOS Logic Dual 4-Input NOR Gates 14-PDIP -55 to 125 256K 32K x 8 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
XM20C64PMHR-55 XM20C64 XM20C64-55 XM20C64I-55 XM20 |
High Speed AUTOSTORE?/a> NOVRAM High Speed AUTOSTORENOVRAM 高速自动存储⑩NOVRAM High Speed AUTOSTORE NOVRAM High Speed AUTOSTORE⑩ NOVRAM
|
XICOR[Xicor Inc.]
|
2SC3783 |
NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING, SWITCHING REGULATOR, HIGH SPEED DC-DC CONVERTER APPLICATIONS) npn型三重扩散型(高速,高压开关,开关稳压器,高速DC - DC转换器应用) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING SWITCHING REGULATOR HIGH SPEED DC-DC CONVERTER APPLICATIONS) NPN TRIPLE DIFFUSED TYPE (HIGH SPEED AND HIGH VOLTAGE SWITCHING/ SWITCHING REGULATOR/ HIGH SPEED DC-DC CONVERTER APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ACT-PS512K8W-012L2I ACT-PS512K8Y-017L2T ACT-PS512K |
High speed 4 Megabit plastic monolithic SRAM. Options burn-in. Speed 12ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 17ns. High speed 4 Megabit plastic monolithic SRAM. Options none. Speed 10ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle. Speed 15ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 25ns. High speed 4 Megabit plastic monolithic SRAM. Options temp cycle & burn-in. Speed 20ns.
|
Aeroflex Circuit Technology
|
AD9260 AD9260AS AD9260EB |
16-Bit High Speed Oversampled A/D Converter High-Speed Oversampling CMOS ADC with 16-Bit Resolution at a 2.5 MHz Output Word Rate
|
AD[Analog Devices]
|