PART |
Description |
Maker |
SD530YS SD550YS SD580YS SD5100YS SD520YS SD540YS S |
(SD520YS - SD5100YS) SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 20 to 100 Volts CURRENT - 5 Ampere) 表面贴装肖特基(电压20100伏特,电 5安培
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
SS14-T1 SS14-T3 SS13-T1 SS13-T3 SS12 SS19-T3 S100- |
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER CONTACTOR 600VAC 18AMP IEC OPTIONS (SS12 - SS19) 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER USB Type A - Horizontal Female PC Tail, selective gold tin
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
SDMG0340LA SDMG0340LA-7 SDMG0340L SDMG0340L-7 SDMG |
SURFACE MOUNT SCHOTTKY BARRIER DIODE DIR-COUPLER 18.5DB 1805-1880MHZ THIN-FILM SMD-0402 LGA-SN90/PB10 T&R SURFACE MOUNT SCHOTTKY BARRIER DIODE 0.03 A, 40 V, SILICON, SIGNAL DIODE
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
SM360AF SM3100AF SM3200AF SM340AF SM320AF-15 |
20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers 3.0 Amp Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnologie GmbH SeCoS Halbleitertechnol...
|
SGP0230SD-15 |
Surface Mount Schottky Rectifier Reverse Voltage 30~40V Forward Current 2A Surface Mount Schottky Rectifier
|
GOOD-ARK Electronics
|
SS510 SS58 SS55 SS53 SS54 SS52C SS5200 SS56 |
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER Low reverse leakage
|
Chendahang Electronics Co., Ltd Chendahang Electronics ...
|
SDM40E20L08 SDM40E20LA-7 SDM40E20LS-7-F SDM40E20LC |
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE DIODE SCHOTTKY 20V 300MW SOT23 0.4 A, 20 V, 2 ELEMENT, SILICON, SIGNAL DIODE DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
|
Diodes Incorporated Diodes Inc.
|
MBRA2H100T3G |
Surface Mount Schottky Power Rectifier SMA/SMB Power Surface Mount Package
|
ON Semiconductor
|
SCD32-15 |
3.0 AMP Surface Mount Schottky Barrier Rectifiers VOLTAGE 20V ~ 60V 3.0 AMP Surface Mount Schottky Barrier Rectifiers
|
SeCoS Halbleitertechnol...
|
LL103A LL103B LL103A07 |
Surface Mount Si-Schottky Diodes Si-Schottky-Dioden fur die Oberflahenmontage
|
Diotec Semiconductor
|
DFLS14010 DFLS140-15 DFLS140-7 |
Schottky Rectifiers 1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER PowerDI?123
|
Diodes Incorporated
|
HSMF-A222-A00J1 HSMF-A331-A00J1 HSMF-A228-A00J1 HS |
HSMF-A222-A00J1 · Surface Mount LED Indicator HSMF-A331-A00J1 · Surface Mount LED Indicator HSMF-A228-A00J1 · Surface Mount LED Indicator HSMF-A205-A00J1 · Surface Mount LED Indicator HSMF-A204-A00J1 · Surface Mount LED Indicator HSMF-A201-A00J1 · Surface Mount LED Indicator HSMF-A301-A00J1 · Surface Mount LED Indicator HSMF-A202-A00J1 · Surface Mount LED Indicator HSMF-A203-A00J1 · Surface Mount LED Indicator HSMF-A211-A00J1 · Surface Mount LED Indicator HSMF-A341-A00J1 · Surface Mount LED Indicator HSMF-A212-A00J1 · Surface Mount LED Indicator HSMF-A227-A00J1 · Surface Mount LED Indicator HSMF-A332-A00J1 · Surface Mount LED Indicator HSMF-A206-A00J1 · Surface Mount LED Indicator HSMF-A342-A00J1 · Surface Mount LED Indicator
|
Agilent (Hewlett-Packard)
|