PART |
Description |
Maker |
NJD1718 NJD1718T4G NJVNJD1718 NJVNJD1718T4G NJD171 |
PNP Silicon DPAK For Surface Mount Applications
|
ON Semiconductor
|
MBRD620 MBRD640CT MBRD660CT MBRD620CT MBRD630CT MB |
SWITCHMODE⑩ Power Rectifirers DPAK Surface Mount Package SWITCHMODE Power Rectifirers DPAK Surface Mount Package 6 AMPERES 20 TO 60 VOLTS From old datasheet system CAPACITOR, CERAMIC, 10PF, 50V, 10%, NPO, 0603 SWITCHMODEPower Rectifirers DPAK Surface Mount Package 3 A, 30 V, SILICON, RECTIFIER DIODE SWITCHMODEPower Rectifirers DPAK Surface Mount Package 3 A, 20 V, SILICON, RECTIFIER DIODE
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] ON Semi Motorola, Inc. Motorola Mobility Holdings, Inc.
|
KSH127TM |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 8 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252
|
Fairchild Semiconductor, Corp.
|
MBRD835L MBRD835L_D ON0445 |
SWITCHMODE⑩ Power Rectifirers DPAK Surface Mount Package From old datasheet system 8 AMPERES 35 VOLTS SWITCHMODE Power Rectifirers DPAK Surface Mount Package
|
MOTOROLA[Motorola, Inc] ON Semi
|
MMUN2134LT1 MMUN2111LT1 MMUN2112LT1 MMUN2113LT1 MM |
Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network SSP PNP PNP SILICON BIAS RESISTOR TRANSISTOR 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB
|
ONSEMI[ON Semiconductor]
|
MJD45H11-1 MJD45H11T4 MJD44H11 MJD44H11-1 MJD44H11 |
SILICON POWER TRANSISTORS 8 AMPERES 80 VOLTS 20 WATTS 8 A, 80 V, NPN, Si, POWER TRANSISTOR DPAK For Surface Mount Applications From old datasheet system
|
MOTOROLA[Motorola Inc] ONSEMI[ON Semiconductor] MOTOROLA[Motorola, Inc]
|
MJD243G MJD24307 MJD253T4G MJD243 MJD243T4 MJD243T |
Complementary Silicon Plastic Power Transistor DPAK-3 for Surface Mount Applications
|
ONSEMI[ON Semiconductor]
|
CMLM070510 |
SURFACE MOUNT SILICON SWITCHING PNP TRANSISTOR AND LOW VF SILICON SCHOTTKY DIODE
|
Central Semiconductor Corp
|
CMPTH81 |
SMD Small Signal Transistor PNP RF Ocillator SURFACE MOUNT PNP SILICON RF TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
DTA143EM3T5G |
Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
PZT751T1 ON2781 PZT751T1_D PZT751T3 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA SOT-223 PACKAGE HIGH CURRENT PNP SILICON TRANSISTOR SURFACE MOUNT From old datasheet system
|
MOTOROLA INC ON Semi MOTOROLA[Motorola, Inc]
|
FJN4307R FJN4307RBU |
PNP Epitaxial Silicon Transistor Audio Transformer; Insertion Loss:46.8dB; Size:9.79 x 8.89 x 9.52 mm; Terminal Type:PCB Surface Mount 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|