PART |
Description |
Maker |
ST72F32AK2TCXS |
8-bit MCU for automotive, 16 Kbyte Flash, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics
|
ST72141K2-AUTO |
8-bit MCU for automotive with electric-motor control, ADC, 16-bit timers, SPI interface
|
STMicroelectronics
|
ST7MDT2-EMU2B ST72C314J2 ST72C314J2TA ST72C314J2TC |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, SCI interfaces
|
STMicroelectronics
|
UAA2067GB-S |
8-bit MCU for automotive, 3.8 to 5.5V operating range with 8 to 32 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI 收发器电路电
|
NXP Semiconductors N.V.
|
ST72254GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
ST72104GX-AUTO |
8-bit MCU for automotive with single voltage Flash/ROM memory, ADC, 16-bit timers, SPI, I2C interfaces
|
STMicroelectronics
|
SPC564L70L3BCOSR SPC564L70L5BBOSR SPC56EL70L5CBOSR |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
SPC560P40L1 SPC560P40L1BEAAR SPC560P40L1BEAAY SPC5 |
32-bit Power Architecture MCU for Automotive Chassis and Safety Applications
|
ST Microelectronics
|
STM8AF62A6 STM8AF62A6UCY STM8AF62A8 STM8AF62A8TCX |
Automotive LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 128 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive CAN and LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF6248TCY STM8AF6266ITCY STM8AF6266TCY STM8AF6 |
Automotive LIN line 8-bit MCU with 16 Kbytes Flash, 16 MHz CPU, integrated EEPROM Automotive LIN line 8-bit MCU with 32 Kbytes Flash, 16 MHz CPU, integrated EEPROM
|
ST Microelectronics
|
STM8AF6213 STM8AF6226 STM8AF6223A |
Automotive 8-bit MCU, with up to 8 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, SPI, IC, 3 to 5.5 V
|
STMicroelectronics
|
STM8AF5269 STM8AF528A STM8AF5268 STM8AF526X STM8AF |
Automotive 8-bit MCU, with up to 128 Kbyte Flash, data EEPROM, 10-bit ADC, timers, LIN, CAN, USART, SPI, I2C, 3 to 5.5 V
|
STMicroelectronics
|
|