PART |
Description |
Maker |
PUMB2 PEMB2-PUMB2-15 |
PNP/PNP double Resistor-Equipped Transistors (RET) in Surface-Mounted Device (SMD) plastic packages. PNP/PNP resistor-equipped transistors R1 = 47 k? R2 = 47 k?
|
NXP Semiconductors
|
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PEMD6 PEMD6_2 |
From old datasheet system NPN/PNP RESISTOR-EQUIPPED TRANSISTORS; R1 = 4.7 KOHM, R2 = OPEN NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm/ R2 = open
|
NXP Semiconductors Philips Semiconductors
|
PDTC143Z PDTC143ZE PDTC143ZEF PDTC143ZM PDTC143ZS |
NPN resistor-equipped transistors; R1 = 4.7 kohm, R2 = 47 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN resistor-equipped transistors; R1 = 4.7 kW R2 = 47 kW NPN resistor-equipped transistors; R1 = 4.7 kW, R2 = 47 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
PDTA144TEF PDTA144TM |
PNP resistor-equipped transistors; R1 = 47 kohm, R2 = open 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
|
NXP Semiconductors N.V.
|
PEMD13-PUMD13-15 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 k? R2 = 47 k?
|
NXP Semiconductors
|
PEMD16-PUMD16-15 |
NPN/PNP resistor-equipped transistors R1 = 22 k? R2 = 47 k?
|
NXP Semiconductors
|
PUMD12 |
NPN/PNP resistor-equipped transistor
|
PHILIPS[Philips Semiconductors]
|
PEMD12 PUMD12 |
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼?
|
NXP Semiconductors
|
PIMD3 PEMD3 PUMD3 |
NPN/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = 10 kΩ NPN/PNP resistor-equipped transistors; R1 = 10 k楼?, R2 = 10 k楼?
|
NXP Semiconductors
|