PART |
Description |
Maker |
QL8050 QL8150 QL8250 QL8025 QL8325 |
LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
|
ETC[ETC]
|
AN835 |
COMBINING THREE VERY LOW SUPPLY CURRENT ANALOG ICS INTO A USB-POWERED THERMOSTAT
|
Silicon Laboratories
|
QL7180 QL7180_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL6325 QL6325_DS |
Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
QL6325E QL6325E_DS |
FPGA Combining Performance, Density, and Embedded RAM From old datasheet system
|
quicklogic
|
TC1041CEUA TC1041 TC1041CEOA |
The TC1041 is a mixed-function device combining two comparators and a voltage reference in a single 8-pin package. The inverting inputs of both comparators are internally connected to the reference. This increased integration allows the us Linear Building Block . Dual Low Power Comparator and Voltage Reference with Programmable Hysteresis
|
MICROCHIP[Microchip Technology]
|
QL4009-1PL68C QL4009-1PL68I |
9,000 usable PLD gate QuickRAM ESP combining performance, density and embedded RAM.
|
QuickLogic
|
QL4058 QL4058-3PQ208M QL4058-0PB456M QL4058-0PQ208 |
58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
|
Electronic Theatre Controls, Inc.
|
QL4016-4PLM QL4016 QL4016-0CF100C QL4016-0CF100I Q |
16/000 Usable PLD Gate QuickRAM ESP Combining Performance/ Density and Embedded RAM GT 19C 19#16 SKT RECP Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:19; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Square Flange Receptacle; Body Style:Straight GT 4C 4#16 SKT RECP 16,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM 16000可用门QuickRAM ESP PLD的结合性能,密度和嵌入式内
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
TC826CBU TC826 |
In many applications a graphical display is preferred over a digital display. Knowing a process or system operates, for example, within design limits is more valuable than a direct system variable readout. A bar or moving dot display suppl Analog-to-Digital Converter with Bar Graph Display Output(保持,非混杂LCD驱动40个数据段及零点功
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|