PART |
Description |
Maker |
4N33300W 4N29 4N33W 4N29300 4N29300W 4N293S 4N293S |
6-Pin DIP Photodarlington Output Optocoupler GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS 16 BIT HYBRID CONTROLLER
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
H11B815 H11B815SD H11B8153SD H11B815W |
4-Pin DIP Photodarlington Output Optocoupler 4-PIN PHOTODARLINGTON OPTOCOUPLER
|
Fairchild Semiconductor QT Optoelectronics
|
FOD815 FOD815.W FOD815.300W |
1 CHANNEL TRANSISTOR OUTPUT OPTOCOUPLER LEAD FREE, DIP-4 4-Pin High Operating Temperature Photodarlington Optocoupler
|
Fairchild Semiconductor, Corp.
|
H11N1 H11N1-M H11N1SR2VM H11N2 H11N2-M H11N3SM H11 |
6-PIN DIP HIGH SPEED LOGIC OPTOCOUPLERS 6-Pin DIP Low Input Current Schmitt Trigger Output Optocoupler
|
FAIRCHILD[Fairchild Semiconductor]
|
4N30 |
GENERAL PURPOSE 6-PIN PHOTODARLINGTON OPTOCOUPLERS
|
Fairchild Semiconductor
|
10EZ91 10EZ10 10EZ100 10EZ11 10EZ12 10EZ13 10EZ14 |
Silicon 10 WATT Zener Diodes 25 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250 锛?ow Reverse Leakage,Low Noise Zener Diode 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 125-250 @ 10mA, 10V Optocoupler 45 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250?录A茂录?Low Reverse Leakage,Low Noise Zener Diode(250?录A氓路楼盲陆?莽?碌忙碌?茫??氓掳?氓??氓??忙录?莽?碌忙碌?茫??盲陆?氓?陋氓拢掳茫??茅陆?莽潞鲁盲潞?忙??莽庐隆) 30 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) 19 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 70-210 @ 10mA, 10V Optocoupler 50 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 100 min @ 10mA, 10V Optocoupler 51 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 22 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 6 Pin, DIP, Photodarlington Detector w/ Base CTR 100 min @ 10mA, 5V Optocoupler 14 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB 4.7 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 4.3 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 3.9 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 7.5 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 9.1 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 8.2 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 6.8 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 5.1 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 5.6 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 6.2 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB TO-220, 3 PIN 16 Pin, DIP, Quad Phototransistor Detector, BVCEO 35V, CTR 50-600 @ 5mA, 5V Optocoupler Zener Voltage Regulator Diode 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 20 min @ 10mA, 5V Optocoupler 62 V, 10 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, TO-220AB
|
MICROSEMI CORP-SCOTTSDALE Renesas Electronics, Corp. Microsemi, Corp. 齐纳二极 MICROSEMI[Microsemi Corporation]
|
CT852SLT3-G CT852SLT4-G CT852ST1-G |
4-Pin High Power Photodarlington Optocoupler 4-Pin High Power Photodarlington Optocoupler
|
CT Micro International ...
|
MOC3010M MOC3011M MOC3012M MOC3020M MOC3021M MOC30 |
6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor (MOC3010M - MOC3023M) 6-PIN DIP RANDOM-PHASE OPTOISOLATORS TRIAC DRIVER OUTPUT (250/400 VOLT PEAK) 6-Pin DIP 400V Random Phase Triac Driver Output Optocoupler 6-Pin DIP 250V Random Phase Triac Driver Output Optocoupler
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
H24B |
4 Pin Optically Coupled Isolator Photodarlington Output(4脚双列直插,无基极连接达林顿输出的光耦合/隔离 4针光耦合隔离器Photodarlington输出脚双列直插,无基极连接达林顿输出的光耦合/隔离器)
|
Isocom Components, Ltd.
|
PS7160L-2A-E4-A PS7160L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 8-PIN DIP, 600 V BREAK DOWN VOLTAGE NORMALLY OPEN TYPE 2-ch Optical Coupled MOS FET
|
Renesas Electronics Corporation
|
PC925L0NSZ0F |
1 CHANNEL LOGIC OUTPUT OPTOCOUPLER ROHS COMPLIANT, PLASTIC, DIP-8 High Speed, 2.5A Output, Gate Drive DIP 8 pin
|
Sharp Electronics, Corp. Sharp Electrionic Components
|
|