Part Number Hot Search : 
ZL3010 SB845DC 3843G P580020 SHD11 FD26C A2597 X5169
Product Description
Full Text Search
  photodarlington Datasheet PDF File

For photodarlington Found Datasheets File :: 304    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

    Honeywell Accelerometers
Part No. HOA2498-002 HOA2498-001 HOA2498-003
OCR Text photodarlington output focused for maximum response wide operating temperature range (-55?c?to?+100?c) the hoa2498 series consists of an infrared emitting diode and an npn silicon phototransistor (hoa2498-001,?-002) or photodarlingto...
Description Reflective Sensor

File Size 414.94K  /  4 Page

View it Online

Download Datasheet





    IL66B05 IL66B-1X006 IL66B-2X006

Vishay Siliconix
http://
Part No. IL66B05 IL66B-1X006 IL66B-2X006
OCR Text photodarlington Output, with Internal RBE FEATURES * Internal RBE for high stability * Isolation test voltage, 5300 VRMS A1 C2 NC 3 6 NC 5C 4E * No base connection * High isolation resistance * Standard plastic DIP package * Lead (Pb)...
Description Optocoupler, photodarlington Output, with Internal RBE

File Size 108.79K  /  6 Page

View it Online

Download Datasheet

    IL3007

Vishay Siliconix
Part No. IL3007
OCR Text photodarlington Output (Single, Dual, Quad Channel) Single Channel FEATURES * 125 mA load current rating A C NC 1 2 3 6B 5C 4E * Fast rise time, 10 s * Fast fall time, 35 s * Single, dual and quad channel * Solid state reliability ...
Description Optocoupler, photodarlington Output

File Size 172.69K  /  9 Page

View it Online

Download Datasheet

    4N3208 4N33

Vishay Siliconix
Part No. 4N3208 4N33
OCR Text photodarlington Output, High Gain, with Base Connection FEATURES * Very high current transfer ratio, 500 % min. A C NC 1 2 3 6B 5C 4E * High isolation resistance, 1011 typical * Standard plastic DIP package * Lead (Pb)-free component...
Description Optocoupler, photodarlington Output, High Gain, with Base Connection

File Size 121.01K  /  8 Page

View it Online

Download Datasheet

    222AT IL222AT

Vishay Siliconix
Part No. 222AT IL222AT
OCR Text photodarlington Output, Low Input Current, High Gain, with Base Connection FEATURES A1 C2 NC 3 NC 4 8 NC 7B 6C 5E * Isolation test voltage, 4000 VRMS * Industry standard SOIC-8 surface mountable package * Standard lead spacing, 0.05...
Description Optocoupler, photodarlington Output, Low Input Current, High Gain, with Base Connection

File Size 124.36K  /  7 Page

View it Online

Download Datasheet

    Optek Technology
Part No. OPB853A1
OCR Text ... apertured for high resolution photodarlington output de scrip tion the opb853a series of slotted optical switches consist of an infrared emitting diode and an npn silicon photodarlington. they are mounted on opposite sides of a 0.125" (3....
Description Slotted optical switch

File Size 256.10K  /  2 Page

View it Online

Download Datasheet

    Honeywell
Part No. HOA0708 HOA0709
OCR Text photodarlington output focused for maximum response ambient light and dust protective filter adjustable mounting slot the hoa0708/0709 series consists of an infrared emitting diode and an npn silicon phototransistor (hoa0708-001, -01...
Description Reflective Sensor

File Size 426.95K  /  4 Page

View it Online

Download Datasheet

    ILD223T07

Vishay Siliconix
Part No. ILD223T07
OCR Text photodarlington Output, Dual Channel, SOIC-8 Package FEATURES * Two channel optocoupler * High current transfer ratio at IF = 1.0 mA, 500 % minimum A1 C2 A3 C4 8C 7E 6C 5E * Isolation test voltage, 4000 VRMS * Electrical specification...
Description Optocoupler, photodarlington Output, Dual Channel, SOIC-8 Package

File Size 122.88K  /  6 Page

View it Online

Download Datasheet

    ITC100P ITC100PTR

Clare, Inc.
Part No. ITC100P ITC100PTR
OCR Text ...high voltage optically isolated photodarlington, bridge rectifier, Darlington transistor and optocoupler into one 16 pin SOIC package, consolidating designs and reducing component count in telecom applications. The ITC100's optocoupler prov...
Description Integrated Telecom Circuits

File Size 385.15K  /  4 Page

View it Online

Download Datasheet

For photodarlington Found Datasheets File :: 304    Search Time::1.031ms    
Page :: | <1> | 2 | 3 | 4 | 5 | 6 | 7 | 8 | 9 | 10 | 11 | 12 | 13 | 14 | 15 |   

▲Up To Search▲

 




Price and Availability




 
Price & Availability of photodarlington

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.50810694694519