PART |
Description |
Maker |
UPD4265805G5-A50-7JD UPD4264805G5-A50-7JD UPD42658 |
18-Mbit QDR-II SRAM 2-Word Burst Architecture 1-Mbit (64K x 16) Static RAM 1M x 4 Static RAM x8 EDO Page Mode DRAM x8 EDO公司页面模式DRAM 4-Mbit (256K x 16) Static RAM
|
NEC TOKIN, Corp.
|
CY7C1041CV33-12ZSXE CY7C1041CV33-12ZSXET |
4-Mbit (256 K 16) Static RAM
|
Cypress
|
CY7C1041DV33-10ZSXA CY7C1041DV33-10ZSXI CY7C1041DV |
4-Mbit (256 K ? 16) Static RAM 4-Mbit (256 K × 16) Static RAM
|
Cypress Semiconductor
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|
CY62126EV30 CY62126EV30LL CY62126EV30LL-45ZSXI CY6 |
1-Mbit (64 K x 16) Static RAM Automatic power down when deselected 1-Mbit (64K x 16) Static RAM 64K X 16 STANDARD SRAM, 45 ns, PDSO44
|
Cypress Semiconductor, Corp.
|
SST30VR021 SST30VR021-500-C-U1 SST30VR021-500-C-WH |
2 Mbit ROM SRAM T1/E1 Transformer 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, PDSO32 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo SPECIALTY MEMORY CIRCUIT, UUC 2 Mbit ROM 1 Mbit / 2Mbit / 256 Kbit SRAM ROM/RAM Combo 2兆光兆位/ 2Mbit 256千位的SRAM ROM / RAM内存组合
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
CYK001M16ZCCAU-70BAI CYK001M16ZCCA CYK001M16ZCCAU- |
1M X 16 PSEUDO STATIC RAM, 55 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1.20 MM HEIGHT, FBGA-48 16-Mbit (1M x 16) Pseudo Static RAM CAP 1000PF 1000V 5% NP0(C0G) SMD-1812 TR-7 PLATED-NI/SN 1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
CY7C1041DV33-10BVXIT |
CY7C1041DV33 4-Mbit (256 K x 16) Static RAM
|
Cypress Semiconductor
|
CY62148DV30L CY62148DV30L-55ZSXI CY62148DV30LL CY6 |
4-Mbit (512K x 8) MoBL垄莽 Static RAM 4-Mbit (512K x 8) MoBL? Static RAM
|
Cypress Semiconductor
|
AM41DL32X4GB70IS AM41DL32X4GB70IT AM41DL32X4GB85IS |
32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 4 Mbit (512 K x 8-Bit/256 K x 16-Bit) Static RAM
|
AMD[Advanced Micro Devices] SPANSION
|
CYU01M16SCEU-70BVXI CYU01M16SCE CYU01M16SCEU-70BVX |
1M X 16 PSEUDO STATIC RAM, 70 ns, PBGA48 6 X 8 MM, 1 MM HEIGHT, LEAD FREE, VFBGA-48 16-Mbit (1M x 16) Pseudo Static RAM
|
Cypress Semiconductor, Corp.
|