PART |
Description |
Maker |
BCAP0310 BCAP0350 BCAP0350E270T11 |
Round, radial mounting design for easy surface mount
|
Maxwell Technologies
|
ANT-418-HESM ANT-916-HESM ANT-315-HESM ANT-433-HES |
Compact design for easy concealment ANT-315-HETH
|
List of Unclassifed Man...
|
AXK8L22124BG AXK7L20223G AXK8L10124BG AXK8L16124BG |
Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
|
Panasonic Semiconductor
|
LTC2480 LTC2480CDD LTC2480IDD |
16-Bit ADC with Easy Drive 16-Bit Delta Sigma ADC with Easy Drive Input Current Cancellation
|
LINER[Linear Technology]
|
PIC16F873T-10E/SO PIC16F873T-20/SO PIC16F873T-20I/ |
A newer device is available. Please consider PIC16F873A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F877A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F874A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... A newer device is available. Please consider PIC16F876A. This powerful (200 nanosecond instruction execution) yet easy-to-program ... 8-bit CMOS FLASH microcontroller
|
Microchip
|
503480-1200 5034801200 |
0.50mm (.020) Pitch Easy-On BackFlip FPC Connector 0.50mm (.020") Pitch Easy-On垄芒 BackFlip垄芒 FPC Connector
|
Molex Electronics Ltd.
|
BCM2060 BCM94318E |
AIRFORCE 54G 802.11A/B/G PCI EXPRESS CLIENT REFERENCE DESIGN AIRFORCE ONE SINGLE-CHIP 802.11 REFERENCE DESIGN
|
Broadcom Corporation.
|
HDD60-48T512X HDD50-12D05P HDD50-12D05T HDD50-12D0 |
75W 960MHZ 26V NI780L 的DC - DC转换器的5060 3000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN DC - DC转换器的5060 1000000 SYSTEM GATE 1.2 VOLT FPGA DC - DC转换器的5060 DC-DC CONVERTER 50~60W DC - DC转换器的5060 XC2VP7-6FFG672C DC - DC转换器的5060 2000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 的DC - DC转换器的5060 DC-DC CONVERTER 50~60W 的DC - DC转换器的5060 6000 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN 4500 GATE LOGIC CELL ARRAY - NOT RECOMMENDED for NEW DESIGN ; Collector Emitter Voltage, Vceo:30V; Transistor Polarity:NPN; Power Dissipation:3.5W; C-E Breakdown Voltage:30V; DC Current Gain Min (hfe):300; Collector Current:400mA; Package/Case:TO-39
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
CM75TU-12F |
Trench Gate Design Six IGBTMOD?/a> 75 Amperes/600 Volts Trench Gate Design Six IGBTMOD⑩ 75 Amperes/600 Volts Trench Gate Design Six IGBTMOD 75 Amperes/600 Volts Trench Gate Design Six IGBTMOD75 Amperes/600 Volts 75 A, 600 V, N-CHANNEL IGBT
|
POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CY7C1350G-250BGI CY7C1350G CY7C1350G-100AXC CY7C13 |
4-Mbit (128K x 36) Pipelined SRAM with NoBL(TM) Architecture Mechanism, 2-inch wide, compact, Easy Load and platen detect Mechanism, 2-inch wide, Hi-speed, compact Easy Load Parallel Mini Interface Board with cutter controller for 6x8MCL35x Mechanism, ELM w/low profile cutter (full or partial cut) Mechanism, 2-inch wide, Hi-speed, compact, rear feed and platen detect 128K X 36 ZBT SRAM, 2.6 ns, PQFP100 Mechanism, 2-inch wide, compact Easy Load, 3V logic 128K X 36 ZBT SRAM, 2.6 ns, PBGA119 4-Mbit (128K x 36) Pipelined SRAM with NoBL Architecture 128K X 36 ZBT SRAM, 4 ns, PBGA119
|
CYPRESS[Cypress Semiconductor] Cypress Semiconductor Corp. Cypress Semiconductor, Corp.
|
ROBOT-TP-65M |
6.5?control terminal, easy to use
|
List of Unclassifed Man...
|